Electronic Components Datasheet Search
  English  ▼

X  

AM67 Datasheet(PDF) 14 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67 Datasheet(HTML) 14 Page - Texas Instruments

Back Button AM67 Datasheet HTML 10Page - Texas Instruments AM67 Datasheet HTML 11Page - Texas Instruments AM67 Datasheet HTML 12Page - Texas Instruments AM67 Datasheet HTML 13Page - Texas Instruments AM67 Datasheet HTML 14Page - Texas Instruments AM67 Datasheet HTML 15Page - Texas Instruments AM67 Datasheet HTML 16Page - Texas Instruments AM67 Datasheet HTML 17Page - Texas Instruments AM67 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 237 page
background image
Table 5-1. Pin Attributes (AMW Package) (continued)
BALL
NUMBER [1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
DSIS
[6]
BALL STATE
DURING
RESET
(RX/TX/PULL) [7]
BALL STATE
AFTER
RESET
(RX/TX/PULL) [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
AE10
CSI2_RXN1
CSI2_RXN1
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AD11
CSI2_RXN2
CSI2_RXN2
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AC13
CSI2_RXN3
CSI2_RXN3
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AF10
CSI2_RXP0
CSI2_RXP0
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AE11
CSI2_RXP1
CSI2_RXP1
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AD12
CSI2_RXP2
CSI2_RXP2
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AC12
CSI2_RXP3
CSI2_RXP3
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AF13
CSI3_RXN0
CSI3_RXN0
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AE14
CSI3_RXN1
CSI3_RXN1
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AD15
CSI3_RXN2
CSI3_RXN2
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AC15
CSI3_RXN3
CSI3_RXN3
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AF12
CSI3_RXP0
CSI3_RXP0
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AE13
CSI3_RXP1
CSI3_RXP1
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AD14
CSI3_RXP2
CSI3_RXP2
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AC16
CSI3_RXP3
CSI3_RXP3
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
M4
DDR0_CAS_n
DDR0_CAS_n
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
M3
DDR0_RAS_n
DDR0_RAS_n
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
L4
DDR0_A0
DDR0_A0
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
L6
DDR0_A1
DDR0_A1
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
M5
DDR0_A2
DDR0_A2
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
L3
DDR0_A3
DDR0_A3
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
N2
DDR0_A4
DDR0_A4
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
L2
DDR0_A5
DDR0_A5
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
R6
DDR0_CAL0
DDR0_CAL0
A
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
P1
DDR0_CK0
DDR0_CK0
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
N1
DDR0_CK0_n
DDR0_CK0_n
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
P2
DDR0_CKE0
DDR0_CKE0
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
P6
DDR0_CKE1
DDR0_CKE1
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com