Electronic Components Datasheet Search
  English  ▼

X  

AM67 Datasheet(PDF) 6 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AM67 Datasheet HTML 2Page - Texas Instruments AM67 Datasheet HTML 3Page - Texas Instruments AM67 Datasheet HTML 4Page - Texas Instruments AM67 Datasheet HTML 5Page - Texas Instruments AM67 Datasheet HTML 6Page - Texas Instruments AM67 Datasheet HTML 7Page - Texas Instruments AM67 Datasheet HTML 8Page - Texas Instruments AM67 Datasheet HTML 9Page - Texas Instruments AM67 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 237 page
background image
AM67x
Security
TRNG
MD5
SHA
AES
PKA
DRBG
HSM
(Secure Boot)
PCIe Gen3
3x SPI
7x UART
OSPI
2x CAN-FD
USB 2.0
2-port Gb Ethernet w/ 1588
General Connectivity and IO
MCU Channel
with FFI
SMS
System Services
IPC
DMA
Power
Manager
Debug
System
Monitor
Firewall
Secure Boot
DCC
RTC
ESM
Timers
USB 3.1
5x I2C
GPIO
Multimedia
2x SPI
UART
2x CAN-FD
I2C
General Connectivity
(MCUSS)
GPIO
Application Cores
2x Arm ®
Cortex -A53
®
Arm®
Cortex®-A53
System Memory
GPMC
3x MMCSD
LPDDR4
with inline ECC
(32b)
256KB SRAM
with ECC
(Shared)
64KB TCM
with ECC
512KB SRAM
with ECC
Safety DTK
Device Management
64KB TCM
with ECC
ECC
3D Graphics Processing Unit
H.264/H.265
Video Codec
3x Display with OLDI/DPI/DSI
Run-time Management
64KB TCM
with ECC
DOF
4L CSI2-TX
Arm®
Cortex®-A53
Arm®
Cortex®-A53
Arm®
Cortex®-A53
Arm®
Cortex®-R5F
Arm®
Cortex®-R5F
Arm®
Cortex®-R5F
Deep Learning Accelerator (2 TOPS)
2.25MB L2 SRAM with ECC
2.25MB L2 SRAM with ECC
C7x DSP 256b + MMA
C7x DSP 256b + MMA
Deep Learning Accelerator (2 TOPS)
426KB SRAM with ECC
512KB Shared L2 with ECC
4x 4L CSI2-RX
RGB-IR VPAC
McASP
JPEG Encode
Figure 3-1. Functional Block Diagram
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com