Electronic Components Datasheet Search
  English  ▼

X  

AM67 Datasheet(PDF) 56 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67 Datasheet(HTML) 56 Page - Texas Instruments

Back Button AM67 Datasheet HTML 52Page - Texas Instruments AM67 Datasheet HTML 53Page - Texas Instruments AM67 Datasheet HTML 54Page - Texas Instruments AM67 Datasheet HTML 55Page - Texas Instruments AM67 Datasheet HTML 56Page - Texas Instruments AM67 Datasheet HTML 57Page - Texas Instruments AM67 Datasheet HTML 58Page - Texas Instruments AM67 Datasheet HTML 59Page - Texas Instruments AM67 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 237 page
background image
Table 5-19. EPWM Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
EHRPWM_TZn_IN0
I
EHRPWM Trip Zone Input 0 (active low)
E20, F27
EHRPWM_TZn_IN1
I
EHRPWM Trip Zone Input 1 (active low)
F26
EHRPWM_TZn_IN2
I
EHRPWM Trip Zone Input 2 (active low)
H21
EHRPWM_TZn_IN3
I
EHRPWM Trip Zone Input 3 (active low)
D22
EHRPWM_TZn_IN4
I
EHRPWM Trip Zone Input 4 (active low)
C22
EHRPWM_TZn_IN5
I
EHRPWM Trip Zone Input 5 (active low)
C20
Table 5-20. EPWM0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
EHRPWM0_A
IO
EHRPWM Output A
B20, C27, J27
EHRPWM0_B
IO
EHRPWM Output B
C20, F24, H27
EHRPWM0_SYNCI
I
Sync Input to EHRPWM module from an external pin
C24, H26
EHRPWM0_SYNCO
O
Sync Input to EHRPWM module from an external pin
A22, F27
Table 5-21. EPWM1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
EHRPWM1_A
IO
EHRPWM Output A
B25, D20, G27
EHRPWM1_B
IO
EHRPWM Output B
E19, F23, G26
Table 5-22. EPWM2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
EHRPWM2_A
IO
EHRPWM Output A
C24, F19, F26
EHRPWM2_B
IO
EHRPWM Output B
A22, F20, H21
5.3.10 EQEP
5.3.10.1 MAIN Domain
Table 5-23. EQEP0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
EQEP0_A (1)
I
EQEP Quadrature Input A
A25
EQEP0_B (1)
I
EQEP Quadrature Input B
A26
EQEP0_I (1)
IO
EQEP Index
F23
EQEP0_S (1)
IO
EQEP Strobe
B25
(1)
This EQEP input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device
Configuration chapter.
Table 5-24. EQEP1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
EQEP1_A (1)
I
EQEP Quadrature Input A
D25
EQEP1_B (1)
I
EQEP Quadrature Input B
C26
EQEP1_I (1)
IO
EQEP Index
F24
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
56
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com