Electronic Components Datasheet Search
  English  ▼

X  

AM67 Datasheet(PDF) 43 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67 Datasheet(HTML) 43 Page - Texas Instruments

Back Button AM67 Datasheet HTML 39Page - Texas Instruments AM67 Datasheet HTML 40Page - Texas Instruments AM67 Datasheet HTML 41Page - Texas Instruments AM67 Datasheet HTML 42Page - Texas Instruments AM67 Datasheet HTML 43Page - Texas Instruments AM67 Datasheet HTML 44Page - Texas Instruments AM67 Datasheet HTML 45Page - Texas Instruments AM67 Datasheet HTML 46Page - Texas Instruments AM67 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 237 page
background image
Table 5-1. Pin Attributes (AMW Package) (continued)
BALL
NUMBER [1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
DSIS
[6]
BALL STATE
DURING
RESET
(RX/TX/PULL) [7]
BALL STATE
AFTER
RESET
(RX/TX/PULL) [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
W24
VOUT0_DATA2
PADCONFIG
PADCONFIG48
0x000F40C0
VOUT0_DATA2
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
GPMC0_A2
1
OZ
UART3_RXD
4
I
1
MCASP3_AXR0
6
IO
0
GPIO0_47
7
IO
pad
W23
VOUT0_DATA3
PADCONFIG
PADCONFIG49
0x000F40C4
VOUT0_DATA3
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
GPMC0_A3
1
OZ
UART3_TXD
4
O
AUDIO_EXT_REFCLK0
5
IO
0
MCASP3_AXR1
6
IO
0
GPIO0_48
7
IO
pad
W22
VOUT0_DATA4
PADCONFIG
PADCONFIG50
0x000F40C8
VOUT0_DATA4
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
GPMC0_A4
1
OZ
UART4_RXD
4
I
1
EQEP2_I
5
IO
0
MCASP3_AXR2
6
IO
0
GPIO0_49
7
IO
pad
W21
VOUT0_DATA5
PADCONFIG
PADCONFIG51
0x000F40CC
VOUT0_DATA5
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
GPMC0_A5
1
OZ
UART4_TXD
4
O
EQEP2_S
5
IO
0
MCASP3_AXR3
6
IO
0
GPIO0_50
7
IO
pad
Y26
VOUT0_DATA6
PADCONFIG
PADCONFIG52
0x000F40D0
VOUT0_DATA6
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
GPMC0_A6
1
OZ
UART5_RXD
4
I
1
EQEP2_A
5
I
0
MCASP3_AXR6
6
IO
0
GPIO0_51
7
IO
pad
MCASP3_ACLKR
8
IO
0
Y27
VOUT0_DATA7
PADCONFIG
PADCONFIG53
0x000F40D4
VOUT0_DATA7
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
GPMC0_A7
1
OZ
UART5_TXD
4
O
EQEP2_B
5
I
0
MCASP3_AXR7
6
IO
0
GPIO0_52
7
IO
pad
MCASP3_AFSR
8
IO
0
www.ti.com
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com