Electronic Components Datasheet Search
  English  ▼

X  

AM67 Datasheet(PDF) 59 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67 Datasheet(HTML) 59 Page - Texas Instruments

Back Button AM67 Datasheet HTML 55Page - Texas Instruments AM67 Datasheet HTML 56Page - Texas Instruments AM67 Datasheet HTML 57Page - Texas Instruments AM67 Datasheet HTML 58Page - Texas Instruments AM67 Datasheet HTML 59Page - Texas Instruments AM67 Datasheet HTML 60Page - Texas Instruments AM67 Datasheet HTML 61Page - Texas Instruments AM67 Datasheet HTML 62Page - Texas Instruments AM67 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 237 page
background image
Table 5-26. GPIO0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
GPIO0_72 (1)
IO
General Purpose Input/Output
H21
GPIO0_73
IO
General Purpose Input/Output
AF25
GPIO0_74
IO
General Purpose Input/Output
AG26
GPIO0_75
IO
General Purpose Input/Output
AF27
GPIO0_76
IO
General Purpose Input/Output
AE23
GPIO0_77
IO
General Purpose Input/Output
AG25
GPIO0_78
IO
General Purpose Input/Output
AF24
GPIO0_79
IO
General Purpose Input/Output
AD23
GPIO0_80
IO
General Purpose Input/Output
AE27
GPIO0_81
IO
General Purpose Input/Output
AC25
GPIO0_82
IO
General Purpose Input/Output
AD27
GPIO0_83
IO
General Purpose Input/Output
AE24
GPIO0_84
IO
General Purpose Input/Output
AE26
GPIO0_85
IO
General Purpose Input/Output
AD25
GPIO0_86
IO
General Purpose Input/Output
AC24
(1)
This GPIO input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device
Configuration chapter.
Table 5-27. GPIO1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
GPIO1_7
IO
General Purpose Input/Output
A25
GPIO1_8
IO
General Purpose Input/Output
A26
GPIO1_9
IO
General Purpose Input/Output
B25
GPIO1_10
IO
General Purpose Input/Output
F23
GPIO1_11
IO
General Purpose Input/Output
D25
GPIO1_12
IO
General Purpose Input/Output
C26
GPIO1_13
IO
General Purpose Input/Output
C27
GPIO1_14
IO
General Purpose Input/Output
F24
GPIO1_15
IO
General Purpose Input/Output
B20
GPIO1_16 (1)
IO
General Purpose Input/Output
C20
GPIO1_17
IO
General Purpose Input/Output
D20
GPIO1_18
IO
General Purpose Input/Output
E19
GPIO1_19
IO
General Purpose Input/Output
E20
GPIO1_20
IO
General Purpose Input/Output
F19
GPIO1_21
IO
General Purpose Input/Output
F20
GPIO1_22
IO
General Purpose Input/Output
E22
GPIO1_23
IO
General Purpose Input/Output
B21
GPIO1_24
IO
General Purpose Input/Output
D22
GPIO1_25
IO
General Purpose Input/Output
C22
GPIO1_26
IO
General Purpose Input/Output
D23
GPIO1_27
IO
General Purpose Input/Output
B22
GPIO1_28
IO
General Purpose Input/Output
C24
GPIO1_29
IO
General Purpose Input/Output
A22
GPIO1_30
IO
General Purpose Input/Output
A23
GPIO1_31 (1)
IOD
General Purpose Input/Output
B23
www.ti.com
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com