Electronic Components Datasheet Search
  English  ▼

X  

AM67 Datasheet(PDF) 52 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67 Datasheet(HTML) 52 Page - Texas Instruments

Back Button AM67 Datasheet HTML 48Page - Texas Instruments AM67 Datasheet HTML 49Page - Texas Instruments AM67 Datasheet HTML 50Page - Texas Instruments AM67 Datasheet HTML 51Page - Texas Instruments AM67 Datasheet HTML 52Page - Texas Instruments AM67 Datasheet HTML 53Page - Texas Instruments AM67 Datasheet HTML 54Page - Texas Instruments AM67 Datasheet HTML 55Page - Texas Instruments AM67 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 237 page
background image
Table 5-11. DDRSS0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
DDR0_CK0
O
DDRSS Clock
P1
DDR0_CK0_n
O
DDRSS Negative Clock
N1
DDR0_CKE0
O
DDRSS Clock Enable
P2
DDR0_CKE1
O
DDRSS Clock Enable
P6
DDR0_CS0_n (1)
O
DDRSS Chip Select 0 / LPDDR4 Chip Select 0A
P4
DDR0_CS1_n (1)
O
DDRSS Chip Select 1 / LPDDR4 Chip Select 1A
P3
DDR0_DM0
IO
DDRSS Data Mask
G2
DDR0_DM1
IO
DDRSS Data Mask
H6
DDR0_DM2
IO
DDRSS Data Mask
U4
DDR0_DM3
IO
DDRSS Data Mask
AA2
DDR0_DQ0
IO
DDRSS Data
D6
DDR0_DQ1
IO
DDRSS Data
D2
DDR0_DQ2
IO
DDRSS Data
F6
DDR0_DQ3
IO
DDRSS Data
D3
DDR0_DQ4
IO
DDRSS Data
G4
DDR0_DQ5
IO
DDRSS Data
E2
DDR0_DQ6
IO
DDRSS Data
G6
DDR0_DQ7
IO
DDRSS Data
F3
DDR0_DQ8
IO
DDRSS Data
H5
DDR0_DQ9
IO
DDRSS Data
H2
DDR0_DQ10
IO
DDRSS Data
K2
DDR0_DQ11
IO
DDRSS Data
L1
DDR0_DQ12
IO
DDRSS Data
J6
DDR0_DQ13
IO
DDRSS Data
J4
DDR0_DQ14
IO
DDRSS Data
J2
DDR0_DQ15
IO
DDRSS Data
H3
DDR0_DQ16
IO
DDRSS Data
V3
DDR0_DQ17
IO
DDRSS Data
R2
DDR0_DQ18
IO
DDRSS Data
R5
DDR0_DQ19
IO
DDRSS Data
T2
DDR0_DQ20
IO
DDRSS Data
R3
DDR0_DQ21
IO
DDRSS Data
U2
DDR0_DQ22
IO
DDRSS Data
U5
DDR0_DQ23
IO
DDRSS Data
V2
DDR0_DQ24
IO
DDRSS Data
Y2
DDR0_DQ25
IO
DDRSS Data
W4
DDR0_DQ26
IO
DDRSS Data
V5
DDR0_DQ27
IO
DDRSS Data
W2
DDR0_DQ28
IO
DDRSS Data
V6
DDR0_DQ29
IO
DDRSS Data
W3
DDR0_DQ30
IO
DDRSS Data
AA3
DDR0_DQ31
IO
DDRSS Data
AA5
DDR0_DQS0
IO
DDRSS Data Strobe
E1
DDR0_DQS0_n
IO
DDRSS Complimentary Data Strobe
F1
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
52
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com