Electronic Components Datasheet Search
  English  ▼

X  

AM67 Datasheet(PDF) 112 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67 Datasheet(HTML) 112 Page - Texas Instruments

Back Button AM67 Datasheet HTML 108Page - Texas Instruments AM67 Datasheet HTML 109Page - Texas Instruments AM67 Datasheet HTML 110Page - Texas Instruments AM67 Datasheet HTML 111Page - Texas Instruments AM67 Datasheet HTML 112Page - Texas Instruments AM67 Datasheet HTML 113Page - Texas Instruments AM67 Datasheet HTML 114Page - Texas Instruments AM67 Datasheet HTML 115Page - Texas Instruments AM67 Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 237 page
background image
6.9.4 Clock Specifications
6.9.4.1 Input Clocks / Oscillators
Various external clock inputs/outputs are needed to drive the device. Summary of these input clock signals is as
follows:
• MCU_OSC0_XO/MCU_OSC0_XI — external main crystal interface pins connected to the internal high-
frequency oscillator (MCU_HFOSC0), which is the default clock source for internal reference clock
HFOSC0_CLKOUT.
• WKUP_LFOSC0_XO/WKUP_LFOSC0_XI — external crystal interface pins connected to internal low-
frequency oscillator (WKUP_LFOSC0), which sources optional 32768Hz reference clock.
• General purpose clock inputs
– MCU_EXT_REFCLK0 — optional external system clock.
– EXT_REFCLK1 — optional external system clock.
• External CPTS reference clock input
– CP_GEMAC_CPTS0_RFT_CLK — optional reference clock input for CPTS_RFT_CLK.
• External audio reference clock inputs/outputs
– AUDIO_EXT_REFCLK[1:0] — optional McASP high-frequency input clocks when configured to operate as
an input.
For more information about Input clock interfaces, see Clocking section in Device Configuration chapter in the
device TRM.
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
112
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com