Electronic Components Datasheet Search
  English  ▼

X  

AM67 Datasheet(PDF) 227 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67 Datasheet(HTML) 227 Page - Texas Instruments

Back Button AM67 Datasheet HTML 223Page - Texas Instruments AM67 Datasheet HTML 224Page - Texas Instruments AM67 Datasheet HTML 225Page - Texas Instruments AM67 Datasheet HTML 226Page - Texas Instruments AM67 Datasheet HTML 227Page - Texas Instruments AM67 Datasheet HTML 228Page - Texas Instruments AM67 Datasheet HTML 229Page - Texas Instruments AM67 Datasheet HTML 230Page - Texas Instruments AM67 Datasheet HTML 231Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 237 page
background image
9.1.2 Device Naming Convention
Table 9-1. Nomenclature Description
FIELD PARAMETER
FIELD DESCRIPTION
VALUE
DESCRIPTION
a
Device evolution
stage(1)
X
Prototype
P
Preproduction (production test flow, no reliability data)
BLANK
(null)
Production
BBBBBBB or BBBBBB
Base production part
number
J722S(2)
For more P/N details, see Device Comparison
AM67A94
AM67A74
AM6754
AM6734
r
Device Revision
A
SR 1.0
Z
Device Speed Grade
J
See Device Speed Grades table
K
f
Features
G
Base, no additional Features
Y
Security / Functional
Safety
1 to 9
Secure with Dummy Key / No Functional Safety
H to R
Secure with Production Key / No Functional Safety
S to Z
Secure with Production Key / Functional Safety
t
Temperature
I
–40°C to 125°C - "125°C Industrial and Automotive" (see Recommended
Operation Conditions)
Q1
Automotive Designator
BLANK
Standard
Q1
Meet AEC-Q100 qualification requirements, with exceptions as specified
in this document (data sheet).
Supports TJ = –40°C to 125°C
2D Barcode
Varies
Optional 2D barcode
BLANK
XXXXXXX
Lot Trace Code (LTC)
YYY
Production Code, For TI use only
PPP
Package Designator
AMW
AMW FCBGA (18mm × 18mm)
O
Pin one designator
(1)
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers. These prefixes represent
evolutionary stages of product development from engineering prototypes through fully qualified production devices.
Prototype devices are shipped against the following disclaimer:
“This product is still in development and is intended for internal evaluation purposes.”
Notwithstanding any provision to the contrary, TI makes no warranty expressed, implied, or statutory, including any implied warranty of
merchantability of fitness for a specific purpose, of this device.
(2)
J722S is the base part number for the preproduction superset device. Software should constrain the features used to match the
intended production device.
Note
BLANK in the symbol or part number is collapsed so there are no gaps between characters.
www.ti.com
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
227
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com