Electronic Components Datasheet Search
  English  ▼

X  

440GR Datasheet(PDF) 14 Page - Applied Micro Circuits Corporation

Part # 440GR
Description  Power PC 440GR Embedded Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440GR Datasheet(HTML) 14 Page - Applied Micro Circuits Corporation

Back Button 440GR Datasheet HTML 10Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 11Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 12Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 13Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 14Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 15Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 16Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 17Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 18Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 82 page
background image
14
AMCC Proprietary
Revision 1.16 – July 19, 2006
Preliminary Data Sheet
440GR – PPC440GR Embedded Processor
Serial Peripheral Interface (SPI/SCP)
The Serial Peripheral Interface (also known as the Serial Communications Port) is a full-duplex, synchronous,
character-oriented (byte) port that allows the exchange of data with other serial devices. The SCP is a master on
the serial port supporting a 3-wire interface (receive, transmit, and clock), and is a slave on the OPB.
Features include:
• Three-wire serial port interface
• Full-duplex synchronous operation
• SCP bus master
• OPB bus slave
• Programmable clock rate divider
• Clock inversion
• Reverse data
• Local data loop back for test
NAND Flash Controller
The NAND Flash controller provides a simple interface between the EBC and up to four separate external NAND
Flash devices. It provides both direct command, address, and data access to the external device as well as a
memory-mapped linear region that generates data accesses. NAND Flash device data appears on the peripheral
data bus.
Features include:
• 1 to 4 banks supported on EBC
• Direct Interfacing to:
– Discrete NAND Flash devices (up to 4 devices)
– SmartMedia Card socket (22-pins)
• Device sizes 4MB–256MB supported
• (512 + 16)-B or (2K + 64)-B device page sizes supported
• Boot-from-NAND: Execute a linear sequence of boot code out of single page of first block (512B)
• Support DMA to allow direct, no-processor-intervention block copy from NAND Flash to SDRAM
• ECC provides single-bit error correction and double-bit error detection in each 256B of stored data
• Chip selects shared with EBC
General Purpose Timers (GPT)
Provides a separate time base counter and additional system timers in addition to those defined in the processor
core.
Features include:
• 32-bit Time Base Counter driven by the OPB bus clock
• Seven 32-bit compare timers
General Purpose IO (GPIO) Controller
• Controller functions and GPIO registers are programmed and accessed via memory-mapped OPB bus master
accesses.
• 64 GPIOs are multiplexed with other functions. DCRs control whether a particular pin that has GPIO
capabilities acts as a GPIO or is used for another purpose.
• Each GPIO output is separately programmable to emulate an open drain driver (that is, drives to zero,
tri-stated if output bit is 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com