Electronic Components Datasheet Search
  English  ▼

X  

440GR Datasheet(PDF) 80 Page - Applied Micro Circuits Corporation

Part # 440GR
Description  Power PC 440GR Embedded Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440GR Datasheet(HTML) 80 Page - Applied Micro Circuits Corporation

Back Button 440GR Datasheet HTML 74Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 75Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 76Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 77Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 78Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 79Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 80Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 81Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 82Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 80 / 82 page
background image
80
AMCC Proprietary
Revision 1.16 – July 19, 2006
Preliminary Data Sheet
440GR – PPC440GR Embedded Processor
Revision Log
Date
Version
Contents of Modification
01/12/2005
Initial creation of document.
01/27/2005
Restore second DMA controller and make PVR and JTAG ID same as 440EP.
01/31/2005
Update DDR SDRAM timing.
03/03/2005
Update I/O definitions.
Misc. corrections
03/30/2005
Remove 400MHz and 466MHz part numbers.
04/18/2005
Remove reference to USB end points.
04/28/2005
Update DDR SDRAM timing.
05/09/2005
Update reserved signals and add description of TmrClk2.
05/18/2005
Correct specs regarding the frequency range allowed for TmrClk2.
06/06/2005
1.08
Change description of TmrClk2.
07/11/2005
1.09
Add RoHS comliance statement and change maximum NAND Flash to 256MB.
07/20/2005
Misc. changes.
08/05/2005
Change solder ball size specification.
09/21/2005
Add power dissipation values for all supply voltages at the CPU speeds supported.
09/22/2005
1.10
Transfer applicable data (input capacitance, thermal performace, etc.) from 400EP data sheet.
10/06/2005
1.11
Misc. changes.
10/10/2005
1.12
Add 400Mhz CPU speed back into available PN list.
11/18/2005
1.13
Add default configuration X when bootstrap IIC read fails to Table 24.
Add package nomenclature.
Correct MemClkOut duty cycle.
Correct description and move PerErr signal from master to slave.
Change maximum VCO freqruency to 1334MHz.
02/16/2006
1.14
Add revision level B (1.1) part numbers and PVR numbers.
05/24/2006
1.15
Update power dissipation and add additional temperature data.
07/19/2006
1.16
Correct enable/disable specifications for PCI Gnt/Req signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com