Electronic Components Datasheet Search
  English  ▼

X  

440GR Datasheet(PDF) 52 Page - Applied Micro Circuits Corporation

Part # 440GR
Description  Power PC 440GR Embedded Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440GR Datasheet(HTML) 52 Page - Applied Micro Circuits Corporation

Back Button 440GR Datasheet HTML 48Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 49Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 50Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 51Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 52Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 53Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 54Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 55Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 56Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 82 page
background image
52
AMCC Proprietary
Revision 1.16 – July 19, 2006
Preliminary Data Sheet
440GR – PPC440GR Embedded Processor
Ethernet Interface
EMCCD, EMC1RxErr
MII: Collision detection.
RMII B: Receive error.
I/O
3.3V tolerant
2.5V CMOS
EMCCrS, EMC0CrsDV
MII: Carrier sense.
RMII A: Carrier sense data valid.
I/O
3.3V tolerant
2.5V CMOS
EMCDV, EMC1CrsDV
MII: Data valid.
RMII B: Carrier sense data valid.
I/O
3.3V tolerant
2.5V CMOS
EMCMDClk
MII: Management data clock.
O
3.3V tolerant
2.5V CMOS
EMCMDIO
MII: Transfer command and status information between MII
and PHY.
I/O
3.3V tolerant
2.5V CMOS
EMCRxClk
MII: Receive clock.
I/O
3.3V tolerant
2.5V CMOS
EMCRxD0:1,
EMC0RxD0:1
EMC0:BRxD
MII: Receive data.
RMII A: Receive data.
SMII A and B: Receive data.
I/O
3.3V tolerant
2.5V CMOS
EMCRxD2:3,
EMC1RxD0:1
MII: Receive data.
RMII B: Receive data.
I/O
3.3V tolerant
2.5V CMOS
EMCRxErr,
EMC0RxErr
MII: Receive error.
RMII A: Receive error.
I/O
3.3V tolerant
2.5V CMOS
EMCTxClk,
EMCRefClk
MII: Transmit clock.
RMII and SMII: Transmit clock (max 125MHz in SMII).
I
3.3V tolerant
2.5V CMOS
EMCTxD0:1,
EMC0TxD0:1
EMC0:BTxD
MII: Transmit data.
RMII A: Transmit data.
SMII A and B: Transmit data.
I/O
3.3V tolerant
2.5V CMOS
EMCTxD2:3,
EMC1TxD0:1
MII: Transmit data.
RMII B: Transmit data.
I/O
3.3V tolerant
2.5V CMOS
EMCTxEn,
EMC0TxEn,
EMCSync
MII: Transmit data enabled.
RMII A: Transmit data enabled.
SMII: Sync signal.
O
3.3V tolerant
2.5V CMOS
EMCTxErr,
EMC1TxEn
MII: Transmit error.
RMII B: Transmit data enabled.
I/O
3.3V tolerant
2.5V CMOS
RejectPkt
External request to reject a packet.
I
3.3V tolerant
2.5V CMOS
5
Table 7. Signal Functional Description (Sheet 3 of 8)
Notes:
1. Receiver input has hysteresis
2. Must pull up (recommended value is 3k
Ω to 3.3V)
3. Must pull down (recommended value is 1k
Ω)
4. If not used, must pull up (recommended value is 3k
Ω to 3.3V)
5. If not used, must pull down (recommended value is 1k
Ω)
6. Strapping input during reset; pull-up or pull-down required
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com