Electronic Components Datasheet Search
  English  ▼

X  

440GR Datasheet(PDF) 69 Page - Applied Micro Circuits Corporation

Part # 440GR
Description  Power PC 440GR Embedded Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440GR Datasheet(HTML) 69 Page - Applied Micro Circuits Corporation

Back Button 440GR Datasheet HTML 65Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 66Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 67Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 68Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 69Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 70Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 71Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 72Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 73Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 82 page
background image
AMCC Proprietary
69
440GR – PPC440GR Embedded Processor
Preliminary Data Sheet
Revision 1.16 – July 19, 2006
Table 18. I/O Specifications—333MHz to 533MHz
Notes:
1. PerClk rising edge at package pin with a 10pF load trails the internal PLB clock by approximately 1.3ns.
Signal
Input (ns)
Output (ns)
Output Current (mA)
Clock
Notes
Setup Time
(TIS min)
Hold Time
(TIH min)
Valid Delay
(TOV max)
Hold Time
(TOH min)
I/O H
(minimum)
I/O L
(minimum)
External Slave Peripheral Interface
DMAAck0:1
n/a
n/a
10
1
5.1
6.8
PerClk
DMAAck2:3
n/a
n/a
10
1
15.3
10.2
PerClk
DMAReq0:3
11.7
0.5
n/a
n/a
na
na
PerClk
EOT0:1/TC0:1
11.7
0.5
10
1
5.1
6.8
PerClk
EOT2:3/TC2:3
11.7
0.5
10
1
15.3
10.2
PerClk
PerAddr02:31
4
1
7.2
1.5
15.3
10.2
PerClk
PerBLast
4
1
6.5
1.5
15.3
10.2
PerClk
PerCS0:5
n/a
n/a
6.5
1.5
10.3
7.1
PerClk
PerData00:15
4
1
7.2
1.5
15.3
10.2
PerClk
PerOE
n/a
n/a
6.5
1.5
15.3
10.2
PerClk
PerReady
6
1
n/a
n/a
15.3
10.2
PerClk
PerR/W
4
1
6.5
1.5
15.3
10.2
PerClk
PerWBE0:1
4
1
6.5
1.5
15.3
10.2
PerClk
External Master Peripheral Interface
BusReq
n/a
n/a
6.5
1.5
7.1
9.6
PerClk
ExtAck
n/a
n/a
6.5
1.5
7.1
9.6
PerClk
ExtReq
4
1
n/a
n/a
n/a
n/a
PerClk
ExtReset
n/a
n/a
6.0
1.5
15.3
10.2
PerClk
HoldAck
n/a
n/a
6.5
1.5
7.1
9.6
PerClk
HoldReq
4
1
n/a
n/a
na
na
PerClk
HoldPri
4
1
n/a
n/a
na
na
PerClk
n/a
n/a
n/a
n/a
15.3
10.2
PLB Clk
1
PerErr
6
1
n/a
n/a
10.3
7.1
PerClk
NAND Flash Interface
NFALE
n/a
n/a
6.5
1.5
5.1
6.8
NFCE0:3
n/a
n/a
6.5
1.5
10.3
7.1
NFCLE
n/a
n/a
6.5
1.5
5.1
6.8
NFRdyBusy
4
1
n/a
n/a
na
na
NFREn
n/a
n/a
6.5
1.5
5.1
6.8
NFWEn
n/a
n/a
6.5
1.5
5.1
6.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com