Electronic Components Datasheet Search
  English  ▼

X  

440GR Datasheet(PDF) 57 Page - Applied Micro Circuits Corporation

Part # 440GR
Description  Power PC 440GR Embedded Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440GR Datasheet(HTML) 57 Page - Applied Micro Circuits Corporation

Back Button 440GR Datasheet HTML 53Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 54Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 55Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 56Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 57Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 58Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 59Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 60Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 61Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 82 page
background image
AMCC Proprietary
57
440GR – PPC440GR Embedded Processor
Preliminary Data Sheet
Revision 1.16 – July 19, 2006
Trace Interface
TrcBS0:2
Trace branch execution status.
I/O
3.3V tolerant
2.5V CMOS
TrcClk
Trace data capture clock, runs at 1/4 the frequency of the
processor.
O
3.3V tolerant
2.5V CMOSL
TrcES0:4
Trace Execution Status is presented every fourth processor
clock cycle.
I/O
3.3V LVTTL
TrcTS0:6
Additional information on trace execution and branch status.
I/O
3.3V tolerant
2.5V CMOS
Power
VDD
1.5V supply—Logic voltage.
na
na
OVDD
3.3V supply—I/O (except DDR SDRAM, Ethernet).
na
na
SVDD
2.5V supply—SDRAM, Ethernet.
na
na
GND
Ground.
na
na
AVDD
1.5V—Filtered voltage for system PLLs (analog).
na
na
AGND
PLL (analog) voltage ground.
na
na
SAVDD
1.5V—Filtered voltage for memory PLL (analog).
na
na
SAGND
PLL (analog) memory voltage ground.
na
na
Other
Reserved
To avoid noise pickup problems, most of these balls must be
connected in the board design as shown Table 6 on page 49.
na
na
Table 7. Signal Functional Description (Sheet 8 of 8)
Notes:
1. Receiver input has hysteresis
2. Must pull up (recommended value is 3k
Ω to 3.3V)
3. Must pull down (recommended value is 1k
Ω)
4. If not used, must pull up (recommended value is 3k
Ω to 3.3V)
5. If not used, must pull down (recommended value is 1k
Ω)
6. Strapping input during reset; pull-up or pull-down required
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com