Electronic Components Datasheet Search
  English  ▼

X  

440GR Datasheet(PDF) 53 Page - Applied Micro Circuits Corporation

Part # 440GR
Description  Power PC 440GR Embedded Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440GR Datasheet(HTML) 53 Page - Applied Micro Circuits Corporation

Back Button 440GR Datasheet HTML 49Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 50Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 51Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 52Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 53Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 54Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 55Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 56Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 57Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 82 page
background image
AMCC Proprietary
53
440GR – PPC440GR Embedded Processor
Preliminary Data Sheet
Revision 1.16 – July 19, 2006
External Slave Peripheral Interface
DMAAck0:3
Used by the PPC440GR to indicate that data transfers have
occurred.
O
Multiplex
DMAReq0:3
Used by slave peripherals to indicate they are prepared to
transfer data.
I
Multiplex
1, 5
EOT0:3/TC0:3
End Of Transfer/Terminal Count.
I/O
Multiplex
1, 5
PerAddr02:07
Peripheral address bus used by PPC440GR when not in
external master mode, otherwise used by external master.
I/O
3.3V LVTTL
1, 2
PerAddr08:31
Peripheral address bus used by PPC440GR when not in
external master mode, otherwise used by external master.
I/O
3.3V LVTTL
PerBLast
Used by either the peripheral controller, DMA controller, or
external master to indicates the last transfer of a memory
access.
I/O
3.3V LVTTL
1, 4
PerCS0:5
External peripheral device select.
O
3.3V LVTTL
2
PerData00:15
Peripheral data bus used by PPC440GR when not in external
master mode, otherwise used by external master.
Note: PerData00 is the most significant bit (msb) on this bus.
I/O
3.3V LVTTL
1
PerOE
Used by either peripheral controller or DMA controller
depending upon the type of transfer involved. When the
PPC440GR is the bus master, it enables the selected device to
drive the bus.
O3.3V LVTTL
2
PerReady
Used by a peripheral slave to indicate it is ready to transfer
data.
I3.3V LVTTL
PerR/W
Used by the PPC440GR when not in external master mode, as
output by either the peripheral controller or DMA controller
depending upon the type of transfer involved. High indicates a
read from memory, low indicates a write to memory.
Otherwise, it used by the external master as an input to
indicate the direction of transfer.
I/O
3.3V LVTTL
1, 2
PerWBE0:1
External peripheral data bus byte enables.
I/O
3.3V LVTTL
1, 2
PerErr
External Error. Used as an input to record external slave
peripheral errors.
I/O
3.3V LVTTL
1, 5
Table 7. Signal Functional Description (Sheet 4 of 8)
Notes:
1. Receiver input has hysteresis
2. Must pull up (recommended value is 3k
Ω to 3.3V)
3. Must pull down (recommended value is 1k
Ω)
4. If not used, must pull up (recommended value is 3k
Ω to 3.3V)
5. If not used, must pull down (recommended value is 1k
Ω)
6. Strapping input during reset; pull-up or pull-down required
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com