Electronic Components Datasheet Search
  English  ▼

X  

440GR Datasheet(PDF) 73 Page - Applied Micro Circuits Corporation

Part # 440GR
Description  Power PC 440GR Embedded Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440GR Datasheet(HTML) 73 Page - Applied Micro Circuits Corporation

Back Button 440GR Datasheet HTML 69Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 70Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 71Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 72Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 73Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 74Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 75Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 76Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 77Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 82 page
background image
AMCC Proprietary
73
440GR – PPC440GR Embedded Processor
Preliminary Data Sheet
Revision 1.16 – July 19, 2006
Note:
The timing data in the following tables is based on simulation runs using Einstimer.
Table 20. I/O Timing—DDR SDRAM TDS
Notes:
1. All of the DQS signals are referenced to MemClkOut0(0).
2. Clock speed is 133MHz.
3. The TDS values in the table include 3/4 of a cycle at 133MHz (7.5ns x 0.75 = 5.625 ns).
4. To obtain adjusted values for lower clock frequencies, subtract 5.625 ns from the values in the table and add 3/4 of the cycle
time for the lower clock frequency (TDS - 5.625 + 0.75TCYC).
Signal Name
TDS (ns)
Minimum
Maximum
DQS0
5.76
5.86
DQS1
5.78
5.91
DQS2
5.82
5.90
DQS3
5.79
5.89
DQS8
5.75
5.88
Table 21. I/O Timing—DDR SDRAM TSK, TSA, and THA
Notes:
1. Clock speed is 133MHz. TSK is referenced to MemClkOut0(0). TSA and THA are referenced to MemClkOut0(90).
2. To obtain adjusted TSA values for lower clock frequencies, use 3/4 of the cycle time for the lower clock frequency and subtract
TSK maximum (0.75TCYC - TSKmax).
3. To obtain adjusted THA values for lower clock frequencies, use 1/4 of the cycle time for the lower clock frequency and add
TSK minimum (0.25TCYC + TSKmin).
Signal Name
TSK (ns)
TSA (ns)
THA (ns)
MinimumMaximumMinimum
Minimum
MemAddr00:12
0.11
0.32
5.31
1.99
BA0:1
0.07
0.31
5.32
1.95
BankSel0:3
0.05
0.25
5.38
1.93
ClkEn0:3
0.07
0.28
5.35
1.95
CAS
0.05
0.31
5.32
1.93
RAS
0.05
0.28
5.35
1.93
WE
0.08
0.22
5.41
1.96
Table 22. I/O Timing—DDR SDRAM TSD and THD
Notes:
1. TSD and THD are measured under worst case conditions.
2. Clock speed for the values in the table is 133MHz.
3. The time values in the table include 1/4 of a cycle at 166MHz (7.5ns x 0.25 = 1.875 ns).
4. To obtain adjusted TSD and THD values for lower clock frequencies, subtract 1.875 ns from the values in the table and add
1/4 of the cycle time for the lower clock frequency (e.g., TSD - 1.875 + 0.25TCYC).
Signal Names
Reference Signal
TSD (ns)
THD (ns)
MemData00:07, DM0
DQS0
1.795
1.866
MemData08:15, DM1
DQS1
1.775
1.865
MemData16:23, DM2
DQS2
1.745
1.862
MemData24:31, DM3
DQS3
1.765
1.864
ECC0:7, DM8
DQS8
1.685
1.857



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com