Electronic Components Datasheet Search
  English  ▼

X  

440GR Datasheet(PDF) 59 Page - Applied Micro Circuits Corporation

Part # 440GR
Description  Power PC 440GR Embedded Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440GR Datasheet(HTML) 59 Page - Applied Micro Circuits Corporation

Back Button 440GR Datasheet HTML 55Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 56Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 57Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 58Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 59Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 60Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 61Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 62Page - Applied Micro Circuits Corporation 440GR Datasheet HTML 63Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 82 page
background image
AMCC Proprietary
59
440GR – PPC440GR Embedded Processor
Preliminary Data Sheet
Revision 1.16 – July 19, 2006
Table 9. Recommended DC Operating Conditions (Sheet 1 of 2)
Device operation beyond the conditions specified is not recommended. Extended operation beyond the recommended
conditions can affect device reliability.
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Logic Supply Voltage
VDD
+1.4
+1.5
+1.6
V
4
I/O Supply Voltage
OVDD
+3.0
+3.3
+3.6
V
4
SDRAM Supply Voltage
SVDD
+2.3
+2.5
+2.7
V
4
PLL Supply Voltages
AVDD
+1.4
+1.5
+1.6
V
3, 4
SDRAM PLL Voltage
SAVDD
+1.4
+1.5
+1.6
V
3, 4
DDR SDRAM Reference Voltage
SVREF
+1.15
+1.25
+1.35
V
2
Input Logic High (2.5V SSTL)
VIH
SVREF+0.18
SVDD+0.3
V
Input Logic High (2.5V CMOS, 3.3V tolerant receiver)
1.7
???
V
Input Logic High (3.3V PCI)
0.5OVDD
OVDD+0.5
V1
Input Logic High (3.3V LVTTL)
+2.0
+3.6
V
Input Logic Low (2.5V SSTL)
VIL
-0.3
SVREF-0.18
V
Input Logic Low (2.5V CMOS, 3.3V tolerant receiver)
???
0.7
V
Input Logic Low (3.3V PCI)
-0.5
0.35OVDD
V1
Input Logic Low (3.3V LVTTL)
0
+0.8
V
Output Logic High (2.5V SSTL)
VOH
+1.95
SVDD
V
Output Logic High (2.5V CMOS, 3.3V tolerant receiver)
2.0
???
V
Output Logic High (3.3V PCI)
0.9OVDD
OVDD
V1
Output Logic High (3.3V LVTTL)
+2.4
OVDD
V
Output Logic Low (2.5V SSTL)
VOL
00.55
V
Output Logic Low (2.5V CMOS, 3.3V tolerant receiver)
0.4
V
Output Logic Low (3.3V PCI)
0.1OVDD
V1
Output Logic Low (3.3V LVTTL)
0
+0.4
V
Input Leakage Current (No pull-up or pull-down)
IIL1
00
μA
Input Leakage Current for Pull-Down
IIL2
0 (LPDL)
200 (MPUL)
μA
Input Leakage Current for Pull-Up
IIL3
-150 (LPDL)
0 (MPUL)
μA
Input Max Allowable Overshoot (3.3V LVTTL)
VIMAO
+3.9
V
Input Max Allowable Undershoot (3.3V LVTTL)
VIMAU
-0.6
V
Output Max Allowable Overshoot (3.3V LVTTL)
VOMAO
+3.9
V
Output Max Allowable Undershoot (3.3V LVTTL)
VOMAU3
-0.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com