Electronic Components Datasheet Search
  English  ▼

X  

HT46RB50 Datasheet(PDF) 48 Page - Holtek Semiconductor Inc

Part # HT46RB50
Description  A/D Type USB 8-Bit MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46RB50 Datasheet(HTML) 48 Page - Holtek Semiconductor Inc

Back Button HT46RB50 Datasheet HTML 44Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 45Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 46Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 47Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 48Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 49Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 50Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 51Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 52Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 53 page
background image
28-pin SKDIP (300mil) Outline Dimensions
Symbol
Dimensions in mil
Min.
Nom.
Max.
A
1375
¾
1395
B
278
¾
298
C
125
¾
135
D
125
¾
145
E16
¾
20
F50
¾
70
G
¾
100
¾
H
295
¾
315
I
330
¾
375
a
0
°¾
15
°
HT46RB50
Rev. 1.20
48
November 1, 2006
2 8
1
1 5
1 4
a
A
B
C
D
E
F
G
H
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com