Electronic Components Datasheet Search
  English  ▼

X  

HT46RB50 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT46RB50
Description  A/D Type USB 8-Bit MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46RB50 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT46RB50 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
HT46RB50
Rev. 1.20
6
November 1, 2006
Functional Description
Execution Flow
The system clock is derived from a crystal. It is internally
divided into four non-overlapping clocks. One instruc-
tion cycle consists of four system clock cycles. Instruc-
tion fetching and execution are pipelined in such a way
that a fetch takes one instruction cycle while decoding
and execution takes the next instruction cycle. The
pipelining scheme makes it possible for each instruction
to be effectively executed in a cycle. If an instruction
changes the value of the program counter, two cycles
are required to complete the instruction.
Program Counter
- PC
The program counter (PC) is 12 bits wide and it controls
the sequence in which the instructions stored in the pro-
gram ROM are executed. The contents of the PC can
specify a maximum of 4096 addresses. After accessing
a program memory word to fetch an instruction code,
the value of the PC is incremented by 1. The PC then
points to the memory word containing the next instruc-
tion code. When executing a jump instruction, condi-
tional skip execution, loading a PCL register, a
subroutine call, an initial reset, an internal interrupt, an
external interrupt, or returning from a subroutine, the PC
manages the program transfer by loading the address
corresponding to each instruction.
The conditional skip is activated by instructions. Once
the condition is met, the next instruction, fetched during
the current instruction execution, is discarded and a
dummy cycle replaces it to get a proper instruction, oth-
erwise proceed to the next instruction.
The lower byte of the PC (PCL) is a readable and
writeable register (06H). Moving data into the PCL per-
forms a short jump. The destination is within 256 loca-
tions.
When a control transfer takes place, an additional
dummy cycle is required.
Mode
Program Counter
*11
*10
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
Initial Reset
000000000000
External Interrupt
000000000100
Timer/Event Counter 0 Overflow
000000001000
Timer/Event Counter 1 Overflow
000000001100
USB Interrupt
000000010000
A/D Converter Interrupt
000000010100
Serial Interface Interrupt
000000011000
Skip
Program Counter+2
Loading PCL
*11
*10
*9
*8
@7
@6
@5
@4
@3
@2
@1
@0
Jump, Call Branch
#11
#10
#9
#8
#7
#6
#5
#4
#3
#2
#1
#0
Return from Subroutine
S11
S10
S9
S8
S7
S6
S5
S4
S3
S2
S1
S0
Program Counter
Note:
*11~*0: Program counter bits
S11~S0: Stack register bits
#11~#0: Instruction code bits
@7~@0: PCL bits
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
F e t c h I N S T ( P C )
E x e c u t e I N S T ( P C - 1 )
F e t c h I N S T ( P C + 1 )
E x e c u t e I N S T ( P C )
F e t c h I N S T ( P C + 2 )
E x e c u t e I N S T ( P C + 1 )
P C
P C + 1
P C + 2
S y s t e m C l o c k
P C
Execution Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com