Electronic Components Datasheet Search
  English  ▼

X  

HT46RB50 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT46RB50
Description  A/D Type USB 8-Bit MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46RB50 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT46RB50 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
HT46RB50
Rev. 1.20
11
November 1, 2006
During the execution of an interrupt subroutine, other in-
terrupt acknowledge signals are held until the
²RETI² in-
struction is executed or the EMI bit and the related
interrupt control bit are set to 1 (if the stack is not full). To
return from the interrupt subroutine,
²RET² or ²RETI²
may be invoked. RETI will set the EMI bit to enable an
interrupt service, but RET will not.
Interrupts, occurring in the interval between the rising
edges of two consecutive T2 pulses, will be serviced on
the latter of the two T2 pulses, if the corresponding inter-
rupts are enabled. In the case of simultaneous requests
the following table shows the priority that is applied.
These can be masked by resetting the EMI bit.
Interrupt Source
Priority
Vector
External Interrupt
1
04H
Timer/Event Counter 0 Overflow
2
08H
Timer/Event Counter 1 Overflow
3
0CH
USB Interrupt
4
10H
A/D Converter Interrupt
5
14H
Serial Interface Interrupt
6
18H
It is recommended that a program does not use the
²CALL subroutine² within the interrupt subroutine. Inter-
rupts often occur in an unpredictable manner or need to
be serviced immediately in some applications. If only one
stack is left and enabling the interrupt is not well con-
trolled, the original control sequence will be damaged
once the
²CALL² operates in the interrupt subroutine.
Oscillator Configuration
There is an oscillator circuit in the microcontroller.
This oscillator is designed for system clocks. The HALT
mode stops the system oscillator and ignores an exter-
nal signal to conserve power.
A crystal across OSC1 and OSC2 is needed to provide
the feedback and phase shift required for the oscillator.
No other external components are required. Instead of a
crystal, a resonator can also be connected between
OSC1 and OSC2 to get a frequency reference, but two
external capacitors in OSC1 and OSC2 are required.
The WDT oscillator is a free running on-chip RC oscilla-
tor, and no external components are required. Even if
the system enters a power down mode and the system
clock is stopped, but the WDT oscillator still works. The
WDT oscillator can be disabled by ROM code option to
conserve power.
Watchdog Timer
- WDT
The WDT clock source is implemented by a dedicated
RC oscillator (WDT oscillator) or instruction clock (sys-
tem clock divided by 4) determined by options. This
timer is designed to prevent a software malfunction or
sequence jumping to an unknown location with unpre-
dictable results. The watchdog timer can be disabled by
options. If the watchdog timer is disabled, all executions
related to the WDT results in no operation.
Once an internal WDT oscillator (RC oscillator with a pe-
riod of 65
ms, normally at 5V) is selected, it is divided by
2
12~215 (by option to get the WDT time-out period). The
WDT time-out minimum period is 300ms~600ms. This
time-out period may vary with temperature, VDD and
process variations. By selection from the WDT option,
longer time-out periods can be realized. If the WDT
time-out is selected as 2
15, the maximum time-out pe-
riod is divided by 2
15~216 which about 2.3s~4.7s.
If the WDT oscillator is disabled, the WDT clock may still
come from the instruction clock and operates in the
same manner except that in the HALT state the WDT
may stop counting and lose its protecting purpose. In
this situation the logic can only be restarted by external
logic. If the device operates in a noisy environment, us-
ing the on-chip RC oscillator (WDT OSC) is strongly rec-
ommended, since the HALT will stop the system clock.
The WDT overflow under normal operation will initialize
a
²chip reset² and set the status bit TO. Whereas in the
HALT mode, the overflow will initialize a
²warm reset²
and only the Program Counter and SP are reset to zero.
To clear the contents of WDT, three methods are
adopted; external reset (a low level to RES), software in-
structions, or a HALT instruction. The software instruc-
tions include
²CLR WDT² and the other set ²CLR
WDT1
² and ²CLR WDT2². Of these two types of instruc-
tion, only one can be active depending on the option
-
²CLR WDT times selection option².Ifthe ²CLR WDT² is
selected (i.e. CLRWDT times equal one), any execution
of the
²CLR WDT² instruction will clear the WDT. In case
²CLR WDT1² and ²CLR WDT2² are chosen (i.e.
²CLRWDT² times equal two), these two instructions
must be executed to clear the WDT, otherwise, the WDT
may reset the chip due to time-out.
C r y s t a l O s c i l l a t o r
O S C 2
O S C 1
System Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com