Electronic Components Datasheet Search
  English  ▼

X  

HT46RB50 Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT46RB50
Description  A/D Type USB 8-Bit MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46RB50 Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT46RB50 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 30Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
HT46RB50
Rev. 1.20
27
November 1, 2006
Bit No.
Label
R/W
Function
0
SUSP
R
Read only, USB suspend indication. When this bit is set to
²1² (set by SIE), it indi-
cates that the USB bus enters the suspend mode. The USB interrupt is also trig-
gered on any changes of this bit.
1
RMWK
R/W
USB remote wake-up command. It is set by the MCU to force the USB host leaving
the suspend mode. Set RMWK bit to
²1² to enable remote wake-up. When this bit
is set to
²1²,a2ms delay for clearing this bit to ²0² is needed to insure that the
RMWK command is accepted by the SIE.
2
URST
R/W
USB reset indication. This bit is set/cleared by USB SIE. When the URST is set to
²1², this indicates that a USB reset has occurred and a USB interrupt will be initial-
ized.
3
RESUME
R
USB resume indication. When the USB leaves the suspend mode, this bit is set to
²1² (set by SIE). This bit will appear for 20ms, waiting for the MCU to detect it.
When the RESUME is set by SIE, an interrupt will be generated to wake-up the
MCU. In order to detect the suspend state, MCU should set the USBCKEN and
SUSP2 (in the SCC register) to enable the SIE detect function. The RESUME will
be cleared while the SUSP is set to
²0². When MCU detects the SUSP, the RE-
SUME (which causes MCU to wake-up) should be remembered and token into
consideration.
4
V33C
R/W
0/1: Turn-off/on V33O output
5
PLL
R/W
0:Turn-on the PLL (default mode); 1: turn-of the PLL
6
¾¾
Undefined bit, read as
²0²
7
URD
R/W
USB reset signal control function definition
1: USB reset signal will reset the MCU
0: USB reset signal cannot reset the MCU
USC (20H) Definitions
The USR (USB endpoint interrupt status register) register is used to indicate which endpoint is accessed and then se-
lects A/D converter operation modes. The endpoint request flags (EP0IF, EP1IF, EP2IF and EP3IF) are used to indi-
cate which endpoints are accessed. If an endpoint is accessed, the related endpoint request flag will be set to
²1² and
the USB interrupt will occur (if the USB interrupt is enabled and the stack is not full). When the active endpoint request
flag is served, the endpoint request flag has to be cleared to
²0².
Bit No.
Label
R/W
Function
0
EP0IF
R/W
When this bit is set to
²1² (set by SIE), it indicates that the endpoint 0 is accessed
and a USB interrupt will occur. When the interrupt has been served, this bit should
be cleared by firmware.
1
EP1IF
R/W
When this bit is set to
²1² (set by SIE), it indicates that the endpoint 1 is accessed
and a USB interrupt will occur. When the interrupt has been served, this bit should
be cleared by firmware.
2
EP2IF
R/W
When this bit is set to
²1² (set by SIE), it indicates that the endpoint 2 is accessed
and a USB interrupt will occur. When the interrupt has been served, this bit should
be cleared by firmware.
3
EP3IF
R/W
When this bit is set to
²1² (set by SIE), it indicates that the endpoint 3 is accessed
and a USB interrupt will occur. When the interrupt has been served, this bit should
be cleared by firmware.
4~7
¾¾
Undefined bit, read as
²0²
USR (21H) Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com