Electronic Components Datasheet Search
  English  ▼

X  

HT46RB50 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT46RB50
Description  A/D Type USB 8-Bit MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46RB50 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT46RB50 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
HT46RB50
Rev. 1.20
24
November 1, 2006
Clock polarity= rising (CLK) or falling (CLK): 1 or 0 (mask option)
Modes
Operations
Master
1.
Select CKS and select M1, M0 = 00,01,10
2.
Select CSEN, MLS (the same as the slave)
3.
Set SBEN
4.
Writing data to SBDR
® data is stored in TXRX buffer ® output CLK (and SCS) signals ® go to
step 5
® (SIO internal operation ® data stored in TXRX buffer, and SDI data is shifted into TXRX
buffer
® data transferred, data in TXRX buffer is latched into SBDR)
5.
Check WCOL; WCOL= 1
® clear WCOL and go to step 4; WCOL= 0 ® go to step 6
6.
Check TRF or waiting for SBI (serial bus interrupt)
7.
Read data from SBDR
8.
Clear TRF
9.
Go to step 4
Slave
1.
CKS don
¢t care and select M1, M0= 11
2.
Select CSEN, MLS (the same as the master)
3.
Set SBEN
4.
Writing data to SBDR
® data is stored in TXRX buffer ® waiting for master clock signal (and SCS):
CLK
® go to step 5 ® (SIO internal operations ® CLK (SCS) received ® output data in TXRX
buffer and SDI data is shifted into TXRX buffer
® data transferred, data in TXRX buffer is latched
into SBDR)
5.
Check WCOL; WCOL= 1
® clear WCOL, go to step 4; WCOL= 0 ® go to step 6
6.
Check TRF or wait for SBI (serial bus interrupt)
7.
Read data from SBDR
8.
Clear TRF
9.
Go to step 4
Operation of Serial Interface
WCOL: master/slave mode, set while writing to SBDR
when data is transferring (transmitting or receiving) and
this writing will then be ignored. WCOL function can be
enabled/disabled by mask option. WCOL is set by SIO
and cleared by users.
Data transmission and reception are still working when
the MCU enters the HALT mode.
CPOL is used to select the clock polarity of CLK. It is a
mask option.
MLS: MSB or LSB first selection
CSEN: chip select function enable/disable, CSEN=1
®
SCS signal function is active. Master should output SCS
signal before CLK signal is set and slave data transfer-
ring should be disabled (or enabled) before (after) SCS
signal is received. CSEN= 0, SCS signal is not needed,
SCS pin (master and slave) should be floating. CSEN
has 2 options: CSEN mask option is used to enable/dis-
able software CSEN function. If CSEN mask option is
disabled, the software CSEN is always disabled. If
CSEN mask option is enabled, software CSEN function
can be used.
SBEN= 1
® serial bus standby; SCS (CSEN= 1) = 1;
SCS= floating (CSEN= 0); SDI= floating; SDO= 1; mas-
ter CLK= output 1/0 (dependent on CPOL mask option),
slave CLK= floating
SBEN= 0
® serial bus disabled; SCS= SDI= SDO=
CLK= floating
TRF is set by SIO and cleared by users. When data
transfer (transmission and reception) is completed, TRF
is set to generate SBI (serial bus interrupt).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com