Electronic Components Datasheet Search
  English  ▼

X  

HT46RB50 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT46RB50
Description  A/D Type USB 8-Bit MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46RB50 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT46RB50 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
HT46RB50
Rev. 1.20
23
November 1, 2006
Serial Interface
Serial interface function has four basic signals included. They are SDI (serial data input), SDO (serial data output), SCK
(serial clock) and SCS (slave select pin).
Note: SCS can be named SCS in the design note.
D 7 / D 0
D 6 / D 1
D 5 / D 2
D 4 / D 3
D 3 / D 4
D 2 / D 5
D 1 / D 6
D 0 / D 7
S D O
D 7 / D 0
D 6 / D 1
D 5 / D 2
D 4 / D 3
D 3 / D 4
D 2 / D 5
D 1 / D 6
D 0 / D 7
S D I
C L K
S C S
S B C R
D E F A U L T
S B D R
D E F A U L T
N o t e : " U " m e a n s u n c h a n g e d .
C K S
M 1
M 0
S B E N
M L S
C S E N
W C O L
T R F
D 7
D 6
D 5
D 4
D 3
D 2
D 1
D 0
0
1
1
0
0
0
0
0
D 7
D 6
D 5
D 4
D 3
D 2
D 1
D 0
U
U
U
U
U
U
U
U
S B C R : S E R I A L B U S
C O N T R O L R E G I S T E R
S B D R : S E R I A L B U S
D A T A R E G I S T E R
Two registers (SBCR and SBDR) unique to serial inter-
face provide control, status, and data storage.
· SBCR: Serial bus control register
Bit7 (CKS) clock source selection: fSIO=fSYS/4, select
as 0
Bit6 (M1), Bit5 (M0) master/slave mode and baud rate
selection
M1, M0: 00
® MASTER MODE, BAUD RATE= fSIO
01
® MASTER MODE, BAUD RATE= fSIO/4
10
® MASTER MODE, BAUD RATE= fSIO/16
11
® SLAVE MODE
· Bit4 (SBEN) ® serial bus enable/disable (1/0)
¨ Enable: (SCS dependent on CSEN bit)
Disable
® enable: SCK, SDI, SDO, SCS=0
(SCKB=
²0²) and waiting for writing data to SBDR
(TXRX buffer)
Master mode: write data to SBDR (TXRX buffer)
start transmission/reception automatically
Master mode: when data has been transferred, set
TRF
Slave mode: when an SCK (and SCS dependent on
CSEN) is received, data in TXRX buffer is
shifted-out and data on SDI is shifted-in.
¨ Disable: SCK (SCK), SDI, SDO, SCS floating
Bit3 (MLS)
® MSB or LSB (1/0) shift first control bit
Bit2 (CSEN)
® serial bus selection signal en-
able/disable (SCS), when CSEN=0, SCSB is float-
ing.
Bit1 (WCOL)
® this bit is set to 1 if data is written to
SBDR (TXRX buffer) when data is transferred,
writing will be ignored if data is written to SBDR
(TXRX buffer) when data is transferred.
Bit0 (TRF)
® data transferred or data received
used to generate an interrupt.
Note: data receiving is still working when the MCU
enters HALT mode.
· SBDR: Serial bus data register
Data written to SBDR
® write data to TXRX buffer
only
Data read from SBDR
® read from SBDR only
Operating Mode description:
Master transmitter: clock sending and data I/O started
by writing SBDR
Master clock sending started by writing SBDR
Slave transmitter: data I/O started by clock received
Slave receiver: data I/O started by clock received



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com