Electronic Components Datasheet Search
  English  ▼

X  

HT46RB50 Datasheet(PDF) 31 Page - Holtek Semiconductor Inc

Part # HT46RB50
Description  A/D Type USB 8-Bit MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46RB50 Datasheet(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT46RB50 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 30Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 32Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 33Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 34Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 35Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
Application Circuits
Note:
The resistance and capacitance for reset circuit should be designed in such a way as to ensure that the VDD is
stable and remains within a valid operating voltage range before bringing RES to high.
X1 can use 6MHz or 12MHz, X1 as close to OSC1 and OSC2 as possible
Components with
²*² are used for EMC issue
22pF capacitance are used for resonator only
HT46RB50
Rev. 1.20
31
November 1, 2006
O S C 1
O S C 2
R E S
0 . 1 m F *
V D D
V S S
0 . 1 m F
1 0 k W
H T 4 6 R B 5 0
P A 0 ~ P A 7
2 2 p F
2 2 p F
1 0 0 k W
3 3 W *
0 . 1 m F *
5 W *
0 . 1 m F *
V D D
U S B -
U S B +
V S S
5 W *
P B 0 ~ P B 7
P C 0 ~ P C 7
P D 0 ~ P D 7
P E 0 ~ P E 5
4 7 p F
4 7 p F *
1 . 5 k W
0 . 1 m F
4 7 p F *
3 3 W *
4 7 p F
3 3 W *
V 3 3 O
U S B D -
U S B D +
No.
Option
7
PWM selection: (7+1) or (6+2) mode
PD0: level output or PWM0 output
PD1: level output or PWM1 output
8
SIO (Serial Interface) enable/disable (if SIO is enabled then PE0~PE3 I/O port will be disabled)
9
SIO_ CPOL: Clock polarity 1/0: clock polarity rising or falling edge
10
SIO_WCOL: Enable/disable
11
SIO_CSEN: Enable/disable, CSEN mask option is used to enable/disable (1/0) software CSEN function
12
WDT enable/disable
13
WDT clock source: fSYS/4 or WDTOSC
14
WDT timeout period: 2
12/f
S~2
13/f
S,2
13/f
S~2
14/f
S,2
14/f
S~2
15/f
S,2
15/f
S~2
16/f
S
15
²CLRWDT² instruction (s): 1 or 2
16
PA0~PA7 wake-up enable/disable (by bit)
17*
EP1~EP3 Data pipe enable: EP1, EP2, EP3 enable/disable. (Default is enable)
Note:
*: The purpose of this option is to enable the endpoint that will be used, and disable the endpoint that will not be
used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com