Electronic Components Datasheet Search
  English  ▼

X  

HT46RB50 Datasheet(PDF) 30 Page - Holtek Semiconductor Inc

Part # HT46RB50
Description  A/D Type USB 8-Bit MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46RB50 Datasheet(HTML) 30 Page - Holtek Semiconductor Inc

Back Button HT46RB50 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 30Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 32Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 33Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 34Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
HT46RB50
Rev. 1.20
30
November 1, 2006
There are some timing constrains and usages illustrated here. By setting the MISC register, MCU can perform reading,
writing and clearing actions. There are some examples shown in the following table for endpoint FIFO reading, writing
and clearing.
Actions
MISC Setting Flow and Status
Read FIFO0 sequence
00H
®01H®delay 2ms, check 41H®read* from FIFO0 register and
check not ready (01H)
®03H®02H
Write FIFO0 sequence
02H
®03H®delay 2ms, check 43H®write* to FIFO0 register and
check not ready (03H)
®01H®00H
Check whether FIFO0 can be read or not
00H
®01H®delay 2ms, check 41H (ready) or 01H (not ready)®00H
Check whether FIFO0 can be written or not
02H
®03H®delay 2ms, check 43H (ready) or 03H (not ready)®02H
Read 0-sized packet sequence form FIFO0
00H
®01H®delay 2ms, check 81H®read once (01H)®03H®02H
Write 0-sized packet sequence to FIFO0
02H
®03H®delay 2ms, check 03H®07H®06H®00H
Read or Write FIFO Table
Note:
*: There are 2
ms existing between 2 reading action or between 2 writing action
Bit No.
Label
R/W
Function
0
DATATG*
R/W
To toggle this bit, all the DATA token will send a DATA0 first.
1
SETIO1**
R/W
Set endpoint 1 input or output pile (1/0), default input pipe (1)
2
SETIO2**
R/W
Set endpoint 2 input or output pile (1/0), default input pipe (1)
3
SETIO3**
R/W
Set endpoint 3 input or output pile (1/0), default input pipe (1)
4~7
¾¾
Undefined bit, read as
²0²
SETIO Register (27H), USB Endpoint 1~Endpoint5 Set IN/OUT Pipe Register
Note:
*USB definition: when the host sends a
²set Configuration², the Data pipe should send the DATA0 (Data tog-
gle) first. So, when the device receives a
²set configuration² setup command, user needs to toggle this bit so
the next data will send a Data0 first.
**Needs to set the data pipe as an input pile or output pile. The purpose of this function is to avoid the host from
abnormally sending only an IN or OUT token and disables the endpoint.
Options
The following table shows all kinds of options in the microcontroller. All of the OTP options must be defined to ensure a
proper functioning system.
No.
Option
1
PA0~PA7 pull-high resistor enable or disable (by bit)
2
PB0~PB7 pull down resistor enable or disable (by bit)
3
PC0~PC7 pull-high resistor enable or disable (by nibble)
4
PD0~PD7 pull-high resistor enable or disable (by nibble)
5
PE0~PE5 pull-high resistor enable or disable (by nibble)
6
LVR enable or disable
R e q .
R e a d y
T x
R e a d F I F O T i m i n g
R e q .
R e a d y
T x
W r i t e F I F O T i m i n g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com