Electronic Components Datasheet Search
  English  ▼

X  

HT46RB50 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT46RB50
Description  A/D Type USB 8-Bit MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46RB50 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT46RB50 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
HT46RB50
Rev. 1.20
19
November 1, 2006
A (7+1) bits mode PWM cycle is divided into two modu-
lation cycles (modulation cycle 0~modulation cycle 1).
Each modulation cycle has 128 PWM input clock period.
In a (7+1) bits PWM function, the contents of the PWM
register is divided into two groups. Group 1 of the PWM
register is denoted by DC which is the value of
PWM.7~PWM.1.
Group 2 is denoted by AC which is the value of PWM.0.
In a (7+1) bits mode PWM cycle, the duty cycle of each
modulation cycle is shown in the table.
Parameter
AC (0~1)
Duty Cycle
Modulation cycle i
(i=0~1)
i<AC
DC+1
128
i
³AC
DC
128
The modulation frequency, cycle frequency and cycle
duty of the PWM output signal are summarized in the
following table.
PWM
Modulation Frequency
PWM Cycle
Frequency
PWM Cycle
Duty
fSYS/64 for (6+2) bits mode
fSYS/128 for (7+1) bits mode
fSYS/256
[PWM]/256
A/D Converter
This microcontroller has 8 channels and 10-bit resolu-
tion A/D (9-bit accuracy) converter. The reference volt-
age is VDD. The A/D converter contains 4 special
registers which are; ADRL (30H), ADRH (31H), ADCR
(32H) and ACSR (33H). The ADRH and ADRL are A/D
result register higher-order byte and lower-order byte
and are read-only. After the A/D conversion is com-
pleted, the ADRH and ADRL should be read to get the
conversion result data. The ADCR is an A/D converter
control register, which defines the A/D channel number,
analog channel select, start A/D conversion control bit
and end of A/D conversion flag. If users want to start an
A/D conversion, first, define PB configuration, select the
converted analog channel, and give START bit a raising
edge and falling edge (0
®1®0). At the end of A/D con-
version, the EOCB bit is cleared and an A/D converter
interrupt occurs (if the A/D converter interrupt is en-
abled). The ACSR is A/D clock setting register, which is
used to select the A/D clock source.
The A/D converter control register is used to control the
A/D converter. The bit2~bit0 of the ADCR are used to
select an analog input channel. There
¢s a total of eight
channels to select. The bit5~bit3 of the ADCR are used
to set PB configurations. PB can be an analog input or
as digital I/O line determined by these 3 bits. Once a PB
line is selected as an analog input, the I/O functions and
pull-high resistor of this I/O line are disabled and the A/D
converter circuit is powered on. The EOCB bit (bit6 of
the ADCR) is end of A/D conversion flag. Check this bit
to know when A/D conversion is completed. The START
bit of the ADCR is used to begin the conversion of the
A/D converter. Giving START bit a rising edge and fall-
ing edge means that the A/D conversion has started. In
order to ensure that A/D conversion is completed, the
START bit should remain at
²0² until the EOCB is
cleared to
²0² (end of A/D conversion).
Bit 7 of the ACSR register is used for test purposes only
and must not be used for other purposes by the applica-
tion program. Bit1 and bit0 of the ACSR register are
used to select the A/D clock source.
When the A/D conversion has completed, the A/D inter-
rupt request flag will be set. The EOCB bit is set to
²1²
when the START bit is set from
²0² to ²1².
Important Note for A/D initialisation:
Special care must be taken to initialise the A/D con-
verter each time the Port B A/D channel selection bits
are modified, otherwise the EOCB flag may be in an un-
defined condition. An A/D initialisation is implemented
by setting the START bit high and then clearing it to zero
within 10 instruction cycles of the Port B channel selec-
tion bits being modified. Note that if the Port B channel
selection bits are all cleared to zero then an A/D initialis-
ation is not required.
Bit No. Label
Function
0
1
ADCS0
ADCS1
Selects the A/D converter clock source
00= system clock/2
01= system clock/8
10= system clock/32
11= Undefined
2~6
¾
Unused bit, read as
²0²
7
TEST
For test mode used only
ACSR (33H) Register
Bit No. Label
Function
0
1
2
ACS0
ACS1
ACS2
Defines the analog channel select
3
4
5
PCR0
PCR1
PCR2
Defines the Port B configuration se-
lect. If PCR0, PCR1 and PCR2 are all
zero, the ADC circuit is powered off to
reduce power consumption
6
EOCB
Indicates end of A/D conversion.
(0= end of A/D conversion)
Each time bits 3~5 change state the
A/D should be initialised by issuing a
START signal, otherwise the EOCB
flag may have an undefined condi-
tion. See
²Important note for A/D in-
itialisation
².
7
START
Starts the A/D conversion.
0
®1®0= Start
0
®1= Reset A/D converter and set
EOCB to
²1².
ADCR (32H) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com