Electronic Components Datasheet Search
  English  ▼

X  

HT46RB50 Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HT46RB50
Description  A/D Type USB 8-Bit MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46RB50 Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT46RB50 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 30Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 32Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
HT46RB50
Rev. 1.20
29
November 1, 2006
Bit No.
Label
R/W
Function
0
ASET
R/W
This bit is used to configure the SIE to automatically change the device address
with the value stored in the AWR register. When this bit is set to
²1² by firmware,
the SIE will update the device address with the value stored in the AWR register
after the PC host has successfully read the data from the device by IN operation.
Otherwise, when this bit is cleared to
²0², the SIE will update the device address
immediately after an address is written to the AWR register. So, in order to work
properly, firmware has to clear this bit after the next valid SETUP token is re-
ceived.
1
ERR
R/W
This bit is used to indicate there are some errors occurred during the FIFO0 is ac-
cessed. This bit is set by SIE and should be cleared by firmware.
2
OUT
R/W
This bit is used to indicate there are OUT token (except for the OUT zero length
token) that have been received. The firmware clears this bit after the OUT data
has been read. Also, this bit will be cleared by SIE after the next valid SETUP to-
ken is received.
3IN
R
This bit is used to indicate that the current USB receiving signal from the PC host
is IN token. (1=IN token; 0=Non IN token)
4
NAK
R
This bit is used to indicate that the SIE has transmitted a NAK signal to the host in
response to the PC host IN or OUT token. (1=NAK signal; 0=Non NAK signal)
5
CRCF
R/W
Error condition failure flag include CRC, PID, no integrate token error, CRCF will
be set by hardware and the CRCF need to be cleared by firmware.
6
EOT
R
Token Package active flag, low active.
7
NMI
R/W
NAK token interrupt mask flag. If this bit is set, when the device sent a NAK token
to the host, interrupt will not occur. Otherwise, when this bit is cleared, and the
device sent a NAK token to the host, it will enter the interrupt sub-routine.
SIES (25H) Definitions
MISC register combines a command and status to control the desired endpoint FIFO action and to show the status of
the desired endpoint FIFO. The MISC will be cleared by USB reset signal.
Bit No.
Label
R/W
Function
0
REQUEST
R/W
After selecting the desired endpoint, FIFO can be requested by setting this bit as
high active. Afterwards, this bit must be set low.
1
TX
R/W
This indicates the direction and transition end which the MCU accesses. When
set as logic 1, the MCU writes data to FIFO. Afterwards, this bit must be set to
logic 0 before terminating request to indicate transition end. For reading action,
this bit must be set to logic 0 to indicate that the MCU wants to read and must be
set to logic 1 afterwards.
2
CLEAR
R/W
This indicates an MCU clear requested FIFO, even if the FIFO is not ready. After
clearing the FIFO, USB interface will send force_tx_err to tell Host that data un-
der-run if Host want to read data.
3~4
¾
R/W
Reserved bit
5
SETCMD
R/W
To show that the data in FIFO is setup command. This bit will last this state until
next one entering the FIFO. (1=SETCMD token; 0=Non SETCMD token)
6
READY
R
To tell that the desired FIFO is ready to work.
(1=Ready to work; 0=Non ready to work)
7
LEN0
R/W
To tell that host sent a 0-sized packet to MCU. This bit must be cleared by read
action to corresponding FIFO. (1=Host sent a 0-sized packet)
MISC (26H) Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com