Electronic Components Datasheet Search
  English  ▼

X  

SC2446 Datasheet(PDF) 35 Page - Semtech Corporation

Part # SC2446
Description  Dual-Phase Single or Two Output Synchronous Step-Down Controllers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2446 Datasheet(HTML) 35 Page - Semtech Corporation

Back Button SC2446 Datasheet HTML 30Page - Semtech Corporation SC2446 Datasheet HTML 31Page - Semtech Corporation SC2446 Datasheet HTML 32Page - Semtech Corporation SC2446 Datasheet HTML 33Page - Semtech Corporation SC2446 Datasheet HTML 34Page - Semtech Corporation SC2446 Datasheet HTML 35Page - Semtech Corporation SC2446 Datasheet HTML 36Page - Semtech Corporation SC2446 Datasheet HTML 37Page - Semtech Corporation SC2446 Datasheet HTML 38Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
35
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2446
Typical Characteristics
Channel 1: Vo=2.5V @ 15A
Typical waveforms in the evaluation board circuit #2A
Steady state
Load transient response
Loading: 0A to 15A
Un-loading: 15A to 0A
Over current protection
Output short applied
Output short removed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com