Electronic Components Datasheet Search
  English  ▼

X  

SC2446 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC2446
Description  Dual-Phase Single or Two Output Synchronous Step-Down Controllers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2446 Datasheet(HTML) 4 Page - Semtech Corporation

  SC2446 Datasheet HTML 1Page - Semtech Corporation SC2446 Datasheet HTML 2Page - Semtech Corporation SC2446 Datasheet HTML 3Page - Semtech Corporation SC2446 Datasheet HTML 4Page - Semtech Corporation SC2446 Datasheet HTML 5Page - Semtech Corporation SC2446 Datasheet HTML 6Page - Semtech Corporation SC2446 Datasheet HTML 7Page - Semtech Corporation SC2446 Datasheet HTML 8Page - Semtech Corporation SC2446 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
4
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2446
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
ti
d
n
o
Cn
i
Mp
y
Tx
a
Ms
ti
n
U
e
c
r
u
o
S
k
a
e
P
e
v
ir
D
e
t
a
G
e
d
i
s
-
w
o
L
t
n
e
r
r
u
C
V
2
1
=
C
C
V
P
=
C
C
V
A5
.
1A
t
n
e
r
r
u
C
k
n
i
S
k
a
e
P
e
v
ir
D
e
t
a
G
e
d
i
s
-
w
o
L
V
2
1
=
C
C
V
P
=
C
C
V
A1
A
e
m
i
T
e
s
i
R
e
v
ir
D
e
t
a
GC
L
F
p
0
0
2
2
=0
2s
n
e
m
i
T
ll
a
F
e
v
ir
D
e
t
a
G
C
L
F
p
0
0
2
2
=0
2s
n
e
t
a
G
e
d
i
s
-
h
g
i
H
o
t
e
v
ir
D
e
t
a
G
e
d
i
s
-
w
o
L
y
a
l
e
D
g
n
i
p
p
a
lr
e
v
o
-
n
o
N
e
v
ir
D
C
L
0
=0
9s
n
e
t
a
G
e
d
i
s
-
w
o
L
o
t
e
v
ir
D
e
t
a
G
e
d
i
s
-
h
g
i
H
y
a
l
e
D
g
n
i
p
p
a
lr
e
v
o
-
n
o
N
e
v
ir
D
C
L
0
=0
9s
n
e
m
i
T
-
n
O
m
u
m
i
n
i
MC
°
5
2
=
A
T0
5
1s
n
e
l
b
a
n
E
d
n
a
f
f
o
h
c
t
a
L
d
a
o
l
r
e
v
O
,
t
r
a
t
S
-
t
f
o
S
t
n
e
r
r
u
C
g
n
i
g
r
a
h
C
t
r
a
t
S
-
tf
o
SI
,
1
S
S
I
2
S
S
V
1
S
S
=V
2
S
S
=V
5
.
12
µA
t
r
a
t
S
-
tf
o
S
g
n
il
b
a
n
E
ff
o
h
c
t
a
L
d
a
o
lr
e
v
O
e
g
a
tl
o
V
V
1
S
S
d
n
aV
2
S
S
g
n
i
s
a
e
r
c
n
I2
.
3V
d
l
o
h
s
e
r
h
T
-
1
N
I
ff
o
h
c
t
a
L
d
a
o
lr
e
v
OV
1
S
S
V
,
V
8
.
3
=
-
1
N
I
g
n
i
s
a
e
r
c
e
DV
5
7
.
0
F
E
R
V
d
l
o
h
s
e
r
h
T
-
2
N
I
ff
o
h
c
t
a
L
d
a
o
lr
e
v
OV
2
S
S
V
,
V
8
.
3
=
-
2
N
I
g
n
i
s
a
e
r
c
e
D
X
2
7
.
0
V
N
I
F
E
R
V
t
n
e
r
r
u
C
e
g
r
a
h
c
s
i
D
t
r
a
t
S
-
tf
o
S
I
,
)
S
I
D
(
1
S
S
I
)
S
I
D
(
2
S
S
V
-
1
N
I
=V
5
.
0
F
E
R
,
V
-
2
N
I
=V
5
.
0
N
I
F
E
R
,
V
1
S
S
=V
2
S
S
=V
8
.
3
4
.
1
µA
t
r
a
t
S
-
tf
o
S
y
r
e
v
o
c
e
R
ff
o
h
c
t
a
L
d
a
o
lr
e
v
O
e
g
a
tl
o
V
V
,
1
V
C
R
S
S
V
2
V
C
R
S
S
V
1
S
S
d
n
aV
2
S
S
g
n
i
s
a
e
r
c
e
D3
.
05
.
07
.
0V
e
g
a
tl
o
V
N
E
/
S
S
e
l
b
a
s
i
D
e
v
ir
D
e
t
a
G
7
.
09
.
0V
e
g
a
tl
o
V
N
E
/
S
S
e
l
b
a
n
E
e
v
ir
D
e
t
a
G
2
.
15
.
1V
e
g
a
tl
o
V
e
d
o
N
e
s
a
h
P
l
a
u
t
r
i
V
1
l
e
n
n
a
h
C
e
g
a
tl
o
V
h
g
i
H
t
u
p
t
u
OV
H
1
N
P
V
I
1
N
P
V
0
0
1
-
=
µ V
,
A
1
T
S
B
V
4
2
=V
C
C
V
P
5
0
.
0
-V
e
g
a
tl
o
V
w
o
L
t
u
p
t
u
OV
L
1
N
P
V
I
1
N
P
V
0
0
1
=
µ V
,
A
1
T
S
B
V
4
2
=0
2V
m
t
n
e
r
r
u
C
g
n
i
c
r
u
o
S
t
u
p
t
u
O
V
1
T
S
B
,
V
4
2
=
V
1
N
P
V
V
=
C
C
V
P
V
2
.
0
-
7A
m
t
n
e
r
r
u
C
g
n
i
k
n
i
S
t
u
p
t
u
OV
1
T
S
B
V
,
V
4
2
=
1
N
P
V
V
2
.
0
=7
A
m
e
g
a
tl
o
V
e
d
o
N
e
s
a
h
P
l
a
u
t
r
i
V
2
l
e
n
n
a
h
C
e
g
a
tl
o
V
h
g
i
H
t
u
p
t
u
OV
H
2
N
P
V
I
2
N
P
V
0
0
1
-
=
µ V
,
A
2
T
S
B
V
4
2
=V
2
N
I
5
0
.
0
-V
e
g
a
tl
o
V
w
o
L
t
u
p
t
u
OV
L
2
N
P
V
I
2
N
P
V
0
0
1
=
µ V
,
A
2
T
S
B
V
4
2
=0
2V
m
t
n
e
r
r
u
C
g
n
i
c
r
u
o
S
t
u
p
t
u
O
V
2
T
S
B
,
V
4
2
=
V
2
N
P
V
V
=
2
N
I
V
2
.
0
-
7A
m
t
n
e
r
r
u
C
g
n
i
k
n
i
S
t
u
p
t
u
O
V
2
T
S
B
V
,
V
4
2
=
2
N
P
V
V
2
.
0
=7
A
m
r
e
f
f
u
B
e
c
n
e
r
e
f
e
R
l
a
n
r
e
t
x
E
e
g
n
a
R
e
g
a
tl
o
V
t
u
p
n
I
e
c
n
e
r
e
f
e
R
l
a
n
r
e
t
x
EV
N
I
F
E
R
04
V
e
g
a
tl
o
V
t
u
p
t
u
O
d
e
r
e
ff
u
BV
T
U
O
F
E
R
V
N
I
F
E
R
I
,
V
5
2
.
1
=
T
U
O
F
E
R
A
m
1
-
=
V
N
I
F
E
R
1
0
.
0
-
V
N
I
F
E
R
V
N
I
F
E
R
1
0
.
0
+
V
Unless specified: AVCC = PVCC = V
IN2 =12V, VBST1 = VBST2 = 12V, SYNC= 0, ROSC = 51.1kΩ, -40°C < TA = TJ < 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com