Electronic Components Datasheet Search
  English  ▼

X  

SC2446 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC2446
Description  Dual-Phase Single or Two Output Synchronous Step-Down Controllers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2446 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC2446 Datasheet HTML 8Page - Semtech Corporation SC2446 Datasheet HTML 9Page - Semtech Corporation SC2446 Datasheet HTML 10Page - Semtech Corporation SC2446 Datasheet HTML 11Page - Semtech Corporation SC2446 Datasheet HTML 12Page - Semtech Corporation SC2446 Datasheet HTML 13Page - Semtech Corporation SC2446 Datasheet HTML 14Page - Semtech Corporation SC2446 Datasheet HTML 15Page - Semtech Corporation SC2446 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
12
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2446
Setting the Switching Frequency
The switching frequency is set with an external resistor
connected from Pin 3 to the ground. The set frequency
is inversely proportional to the resistor value (Figure 5).
0
100
200
300
400
500
600
700
800
0
50
100
150
200
250
Rosc (k Ohm)
Figure 5. Free running frequency vs. R
OSC.
Inductor (L) and Ripple Current
Both step-down controllers in the SC2446 operate in
synchronous continuous-conduction mode (CCM) regardless
of the output load. The output inductor selection/design
is based on the output DC and transient requirements.
Both output current and voltage ripples are reduced with
larger inductors but it takes longer to change the inductor
current during load transients. Conversely smaller inductors
results in lower DC copper losses but the AC core losses
(flux swing) and the winding AC resistance losses are
higher. A compromise is to choose the inductance such
that peak-to-peak inductor ripple-current is 20% to 30% of
the rated output load current.
Assuming that the inductor current ripple (peak-to-peak)
value is
δ*I
o, the inductance value will then be
.
f
I
)
D
1
(
V
L
s
o
o
δ
−
=
The peak current in the inductor becomes (1+
δ/2)*Io
and the RMS current is
.
12
1
I
I
2
o
rms
,
L
δ
+
=
Application Information (Cont.)
The followings are to be considered when choosing
inductors.
a) Inductor core material: For high efficiency applications
above 350KHz, ferrite, Kool-Mu and polypermalloy
materials should be used. Low-cost powdered iron cores
can be used for cost sensitive-applications below 350KHz
but with attendant higher core losses.
b) Select inductance value: Sometimes the calculated
inductance value is not available off-the-shelf. The
designer can choose the adjacent (larger) standard
inductance value. The inductance varies with
temperature and DC current. It is a good engineering
practice to re-evaluate the resultant current ripple at
the rated DC output current.
c) Current rating: The saturation current of the inductor
should be at least 1.5 times of the peak inductor current
under all conditions.
Output Capacitor (C
o) and Vout Ripple
The output capacitor provides output current filtering in
steady state and serves as a reservoir during load transient.
The output capacitor can be modeled as an ideal capacitor
in series with its parasitic ESR (R
esr) and ESL (Lesl) (Figure
6).
Co
Lesl
Resr
Figure 6. An equivalent circuit of C
o.
If the current through the branch is i
b(t), the voltage across
the terminals will then be
).
t
(
i
R
dt
)
t
(
di
L
dt
)
t
(
i
C
1
V
)
t
(
v
b
esr
t
0
b
esl
b
o
o
o
+
+
+
=
∫
This basic equation illustrates the effect of ESR, ESL and
C
o on the output voltage.
The first term is the DC voltage across C
o at time t=0. The
second term is the voltage variation caused by the charge
balance between the load and the converter output. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com