Electronic Components Datasheet Search
  English  ▼

X  

SC2446 Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC2446
Description  Dual-Phase Single or Two Output Synchronous Step-Down Controllers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2446 Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC2446 Datasheet HTML 16Page - Semtech Corporation SC2446 Datasheet HTML 17Page - Semtech Corporation SC2446 Datasheet HTML 18Page - Semtech Corporation SC2446 Datasheet HTML 19Page - Semtech Corporation SC2446 Datasheet HTML 20Page - Semtech Corporation SC2446 Datasheet HTML 21Page - Semtech Corporation SC2446 Datasheet HTML 22Page - Semtech Corporation SC2446 Datasheet HTML 23Page - Semtech Corporation SC2446 Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
20
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2446
Application Information (Cont.)
parameter sensitive operation. A good engineering
compromise is to make
∆V
Cs~ReqδIo.
The prerequisite for such relation is the so called time
constant matching condition
.
C
R
R
L
s
s
eq
≈
When Rds1=Rds2, the above relations become
equations.
For an example of application circuit, L=1.3µH,
RL=1.56m
Ω and Rds1=Rds2=8mΩ , the time constant
R
sCs should be set as 136µs.
If one selects C
s=33 nF,
then R
s=4.12 kΩ.
Scaling the Current Limit
Over-current is handled differently in the SC2446
depending on the direction of the inductor current. If the
differential sense voltage between CS+ and CS- exceeds
+75mV, the top MOSFET will be turned off and the bottom
MOSFET will be turned on to limit the inductor current.
This +75mV is the cycle-by-cycle peak current limit when
the load is drawing current from the converter. There is
no cycle-by-cycle current limit when the inductor current
flows in the reverse direction. If the voltage between
CS1+ and CS- falls below -113mV, the controller will
undergo overload shutdown and time-out with both the
top and the bottom MOSFETs shut off. (See the section
Overload Protection and Hiccup).
In the circuit of Figure 14, the equivalent inductor current
limits are set according to
,
R
mV
75
I
eq
LMcp =
when the load is sourcing current from the converter and
,
R
mV
110
I
eq
LMcn
−
=
when the load is forcing current back to the input power
source. If R
eq = 9.56mW, then ILM = 7.8/-11.8A. The circuit
in Figure 16 allows the user to scale the equivalent current
limit with the same R
eq.
In the following design steps, the capacitor C
S in the
current sensing part is commonly selected in the range
of 22nF ~ 68nF.
Q1
Q2
Cin
Cout
RL
Rload
Rs
Vin
Vo
Cs
vC(t)
L
iL(t)
Q3
Q4
Vgs2
Vgs1
VPN
Vbe4
Vbe3
PN
-
+
ISEN
1
2
Rs3
Rs 2
Rs 1
Figure 16. Scaling the equivalent current limit.
a) When the required current limit value I
LM is greater
than I
LMcp, one just needs to remove Rs3, and solve the
following equations
,
R
L
C
)
R
//
R
(
eq
s
1
s
s
=
,
mV
75
R
R
R
R
I
1
s
s
1
s
eq
LM
=
+
and
.
R
//
R
R
1
s
s
2
s
=
for
.
R
and
R
,
R
2
s
1
s
s
Note that R
S2 is selected as RS//RS1 in order to reduce
the bias current effect of the current amplifier in SC2446.
If the current limit is to be set to I
LM = 15A with the existing
power circuit parameter and C
s = 33nF, it is calculated
that R
s2 = 4.12 kΩ, Rs = 7.87 kΩ and Rs1 = 8.66 kΩ.
b) When the required current limit I
LM is less than ILMcp,
one just needs to remove R
s1 and solve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com