Electronic Components Datasheet Search
  English  ▼

X  

SC2446 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC2446
Description  Dual-Phase Single or Two Output Synchronous Step-Down Controllers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2446 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC2446 Datasheet HTML 14Page - Semtech Corporation SC2446 Datasheet HTML 15Page - Semtech Corporation SC2446 Datasheet HTML 16Page - Semtech Corporation SC2446 Datasheet HTML 17Page - Semtech Corporation SC2446 Datasheet HTML 18Page - Semtech Corporation SC2446 Datasheet HTML 19Page - Semtech Corporation SC2446 Datasheet HTML 20Page - Semtech Corporation SC2446 Datasheet HTML 21Page - Semtech Corporation SC2446 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
18
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2446
05 .10
8
0
10
20
time (s)
12
0
v ce t()
110
7
−
⋅
0t
Figure 13 a). Approximated gate driver v
ce(t) waveform.
Similarly, the gate drive current is approximated as
.
e
)
T
t
(
I
)
t
(
i
2
2
)
T
t
(
2
2
gsp
gs
−
=
Where, I
gsp is a scaling parameter proportional to the gate
drive peak current, T
2 is a time constant proportional to
the fall time of v
ce. For the example in Figure 13,
I
gsp=3.15A, T2=0.77Tf with Tf being measured as ~50 ns.
05 .10
8
0
0.5
1
1.5
time (s)
1.158
0
i gs t()
110
7
−
⋅
0t
Figure 13 b). Approximated gate drive current i
gs(t)
waveform.
With these parameters, the approximated i
gs(t) is plotted
as in Figure 13 b).
Based on the approximation formulae of v
ce(t) and igs(t),
one can calculate the power losses for each gate driver
pair as
Application Information (Cont.)
.
dt
)
t
(
i)
t
(
v
T
1
P
s
T
0
gs
ce
s
gd
∫
=
For SC2446, there are 4 gate drivers, the total gate driver
losses is then 4P
gd. For the example in Figure 12, the
power losses for each gate driver is estimated as 122
mW when the operating frequency is about 300kHz. The
total losses for the 4 gate drivers is then about 488
mW.
Remark 3: It is beneficial to select low gate charge
MOSFET’s for lower switching losses in the MOSFET
package and lower power dissipation in the gate-driving
IC. Once the MOSFET is chosen with a specified input gate
charge, one can adjust the gate driving resistor to balance
the driver IC losses and the power MOSFET switching losses.
To the first order of approximation, smaller gate resistance
leads to higher gate driving current and faster MOSFET
switching. But, the driver incurs more power losses. On
the other hand, larger gate drive resistance limits the gate
drive current, which leads to low V
ce and less power losses.
But, the MOSFET suffers more switching losses.
Using low gate charge MOSFET’s reduces switching loss.
To prevent shoot-through between the top and the bottom
MOSFET’s during commutation, one MOSFET should be
completely turned off before the other is turned on. In the
SC2446 the top and the bottom gate drive pulses are
made non-overlapping. When not driving any load, the non-
overlapping commutation intervals from the top to the
bottom and from the bottom to the top gate drives are set
at 90ns. If MOSFET’s are driven from the SC2446, the
non-overlapping commutation times will decrease due to
finite gate-source voltage rise and fall times. The gate-
source voltage waveforms of the MOSFET’s should not
overlap above their respective thresholds when driven from
the SC2446. Use of low gate charge MOSFET’s reduces
transition times and the tendency of shoot-through. The
combined rise and fall times during both commutations
should be less than the preset non-overlapping intervals.
Current Sensing (Combi-Sense)
Inductor current sensing is required for the current-mode
control. Although the inductor current can be sensed with
a precision resistor in series with the inductor, a novel
lossless Combi-sense technique is used in the SC2446.
This SEMTECH proprietary technique has the advantages
of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com