Electronic Components Datasheet Search
  English  ▼

X  

SC2446 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC2446
Description  Dual-Phase Single or Two Output Synchronous Step-Down Controllers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2446 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC2446 Datasheet HTML 11Page - Semtech Corporation SC2446 Datasheet HTML 12Page - Semtech Corporation SC2446 Datasheet HTML 13Page - Semtech Corporation SC2446 Datasheet HTML 14Page - Semtech Corporation SC2446 Datasheet HTML 15Page - Semtech Corporation SC2446 Datasheet HTML 16Page - Semtech Corporation SC2446 Datasheet HTML 17Page - Semtech Corporation SC2446 Datasheet HTML 18Page - Semtech Corporation SC2446 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
15
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2446
Sometimes meeting tight input voltage ripple
specifications may require the use of larger input
capacitance. At full load, the peak-to-peak input voltage
ripple due to the ESR is
.
I)
2
1
(
R
v
o
esr
ESR
δ
+
=
∆
The peak-to-peak input voltage ripple due to the capacitor
is
,
f
C
DI
v
s
in
o
C ≈
∆
From these two expressions, C
IN can be found to meet the
input voltage ripple specification. In a multi-phase
converter, channel interleaving can be used to reduce ripple.
The two step-down channels of the SC2446 operate at
180 degrees from each other. If both step-down channels
in the SC2446 are connected in parallel, both the input
and the output RMS currents will be reduced.
Ripple cancellation effect of interleaving allows the use of
smaller input capacitors. When converter outputs are
connected in parallel and interleaved, smaller inductors
and capacitors can be used for each channel. The total
output ripple-voltage remains unchanged. Smaller
inductors speeds up output load transient.
When two channels with a common input are interleaved,
the total DC input current is simply the sum of the individual
DC input currents. The combined input current waveform
depends on duty ratio and the output current waveform.
Assuming that the output current ripple is small, the
following formula can be used to estimate the RMS value
of the ripple current in the input capacitor.
Let the duty ratio and output current of Channel 1 and
Channel 2 be D
1, D2 and Io1, Io2, respectively.
If D
1<0.5 and D2<0.5, then
.
I
D
I
D
I
2
2
o
2
2
1
o
1
Cin
+
≈
If D
1>0.5 and (D1-0.5) < D2<0.5, then
.
I)
5
.
0
D
D
(
)
I
I
)(
5
.
0
D
(
I
5
.
0
I
2
2
o
1
2
2
2
o
1
o
1
2
1
o
Cin
+
−
+
+
−
+
≈
If D
1>0.5 and D2 < (D1-0.5) < 0.5, then
.
I)
5
.
0
D
D
(
)
I
I
(
D
I
5
.
0
I
2
2
o
2
1
2
2
o
1
o
2
2
1
o
Cin
−
−
+
+
+
≈
If D
1>0.5 and D2 > 0.5, then
.
I)
D
1
(
I)
D
1
(
)
I
I
)(
1
D
D
(
I
2
2
o
1
2
1
o
2
2
2
o
1
o
2
1
Cin
−
+
−
+
+
−
+
≈
Choosing Power MOSFET’s
Main considerations in selecting the MOSFET’s are power
dissipation, cost and packaging. Switching losses and
conduction losses of the MOSFET’s are directly related to
the total gate charge (C
g) and channel on-resistance
(R
ds(on)). In order to judge the performance of MOSFET’s,
the product of the total gate charge and on-resistance is
used as a figure of merit (FOM). Transistors with the same
FOM follow the same curve in Figure 10.
0
5
10
15
20
0
20
40
FOM:100*10^{-12}
FOM:200*10^{-12}
FOM:500*10^{-12}
On-resistance (mOhm)
50
1
Cg 100 Rds
,
()
Cg 200 Rds
,
()
Cg 500 Rds
,
()
20
1
Rds
Figure 10. Figure of Merit curves.
The closer the curve is to the origin, the lower is the FOM.
This means lower switching loss or lower conduction loss
or both. It may be difficult to find MOSFET’s with both low
C
g and low Rds(on. Usually a trade-off between Rds(on and Cg
has to be made.
MOSFET selection also depends on applications. In many
applications, either switching loss or conduction loss
dominates for a particular MOSFET. For synchronous buck
converters with high input to output voltage ratios, the top
MOSFET is hard switched but conducts with very low duty
cycle. The bottom switch conducts at high duty cycle but
switches at near zero voltage. For such applications,
MOSFET’s with low C
g are used for the top switch and
Application Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com