Electronic Components Datasheet Search
  English  ▼

X  

SC2446 Datasheet(PDF) 27 Page - Semtech Corporation

Part # SC2446
Description  Dual-Phase Single or Two Output Synchronous Step-Down Controllers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2446 Datasheet(HTML) 27 Page - Semtech Corporation

Back Button SC2446 Datasheet HTML 23Page - Semtech Corporation SC2446 Datasheet HTML 24Page - Semtech Corporation SC2446 Datasheet HTML 25Page - Semtech Corporation SC2446 Datasheet HTML 26Page - Semtech Corporation SC2446 Datasheet HTML 27Page - Semtech Corporation SC2446 Datasheet HTML 28Page - Semtech Corporation SC2446 Datasheet HTML 29Page - Semtech Corporation SC2446 Datasheet HTML 30Page - Semtech Corporation SC2446 Datasheet HTML 31Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
27
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2446
Application Information (Cont.)
Q20
+
C77
R45
RFILTER
R51
C64
VDDQ
C63
C68
C71
C58
RCS-
D8
DDR Memory Applications (Common Input Voltage)
C86
RCS-
L10
R55
C78
R59
C76
VTT
C81
R52
C61
R46
VDDQ
Q16
SYNC
CFILTER
R44
CFILTER
R65
R50
RCS+
C69
L8
C84
C89
C87
RCS+
C67
RCS-
+
C62
DDR Memory Applications (Separate Input Voltage)
VIN
R72
R68
Q18
Q15
C90
L7
CFILTER
R57
Q14
C60
R53
C56
+
C80
RCS-
R61
VIN
C91
R62
RCS+
C74
VDDQ
VIN
C82
RFILTER
C57
R64
C70
R60
+
C59
VIN
VIN
VDDQ
Q19
R69
R47
C66
C65
R66
Q17
C88
RFILTER
R63
C72
U1
SC2446
REFOUT
PGND
GDH2
BST2
IN1-
VPN1
SYNC
CS1+
PVCC
COMP1
SS1/EN1
CS1-
SS2/EN2
COMP2
IN2-
REFIN
CS2-
CS2+
VPN2
VIN2
BST1
GDH1
GDL1
GDL2
REF
Rosc
AGND
AVCC
R49
Q13
D9
VDDQ
R43
CFILTER
VDDQ
C85
R70
C75
R67
R58
C79
R54
VTT
U1
SC2446
REFOUT
PGND
GDH2
BST2
IN1-
VPN1
SYNC
CS1+
PVCC
COMP1
SS1/EN1
CS1-
SS2/EN2
COMP2
IN2-
REFIN
CS2-
CS2+
VPN2
VIN2
BST1
GDH1
GDL1
GDL2
REF
Rosc
AGND
AVCC
D7
C73
R48
C83
D10
RCS+
L9
RFILTER
SYNC
R56
R71
Figure 21
Figure 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com