Electronic Components Datasheet Search
  English  ▼

X  

SC2446 Datasheet(PDF) 24 Page - Semtech Corporation

Part # SC2446
Description  Dual-Phase Single or Two Output Synchronous Step-Down Controllers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2446 Datasheet(HTML) 24 Page - Semtech Corporation

Back Button SC2446 Datasheet HTML 20Page - Semtech Corporation SC2446 Datasheet HTML 21Page - Semtech Corporation SC2446 Datasheet HTML 22Page - Semtech Corporation SC2446 Datasheet HTML 23Page - Semtech Corporation SC2446 Datasheet HTML 24Page - Semtech Corporation SC2446 Datasheet HTML 25Page - Semtech Corporation SC2446 Datasheet HTML 26Page - Semtech Corporation SC2446 Datasheet HTML 27Page - Semtech Corporation SC2446 Datasheet HTML 28Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
24
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2446
If the converter crossover frequency is set around 1/10
of the switching frequency, f
c = 30kHz, the controller
parameters then can be calculated as
.
nF
328
.
0
f
2
hkR
g
C
c
o
m
2
≈
π
=
where,
gm is the error amplifier transconductance gain
(260 µ
Ω−1).
If we use C
2 = 0.33 nF,
,
k
5
.
848
C
C
R
R
2
o
o
2
Ω
≈
=
use R
2 = 770kΩ.
With K = 1, it is further calculated that
,
pF
2
.
10
K
R
C
R
C
2
o
oesr
3
≈
=
use C
3 = 10pF. The Bode plot of the loop transfer function
(magnitude and phase) is shown in Figure 18
10
100
1.10
3
1.10
4
1.10
5
1.10
6
50
0
50
100
69.241
20.73
−
20 log G vc f() C f()
()
⋅
310
5
×
10
f
Application Information (Cont.)
f
10
100
1.10
3
1.10
4
1.10
5
1.10
6
93
92
91
90
89
88
88.78
−
92.702
−
arg G vc f() C f()
⋅
()
180
π
⋅
310
5
×
10
f
Figure 18. The loop transfer function Bode plot of the
example.
It is clear that the resulted crossover frequency is about
27.1 kHz with phase margin 91o.
It is noted that the current sensing gain k was first
estimated using the DC value in order to quickly get the
compensation parameter value. When the circuit is
operational and stable, one can further improve the
compensation parameter value using AC current sensing
gain. One simple and practical method is to effectively
measure the output current at two points, e.g. I
o1 and Io2
and the corresponding error amplifier output voltage V
c1
and V
c2. Then, the first order AC gain is
2
c
1
c
2
o
1
o
c
o
V
V
I
I
V
I
k
−
−
=
∆
∆
=
With this k value, one can further calculate the improved
compensator parameter value using the previous
equations.
For example, if one measured that I
o1=1A, Io2=15A and
V
c1=2.139V, Vc2=2.457V. k is then calculated as 44.
Substituting this parameter to the equations before, one
can derive that
C
2 ≈ 2.024nF. Select C2 = 2.2nF.
R
2 ≈ 127.3kΩ. Select R2 = 127kΩ.
C
3 ≈ 61.78pF. Select C3 = 47pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com