Electronic Components Datasheet Search
  English  ▼

X  

SC2446 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC2446
Description  Dual-Phase Single or Two Output Synchronous Step-Down Controllers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2446 Datasheet(HTML) 5 Page - Semtech Corporation

  SC2446 Datasheet HTML 1Page - Semtech Corporation SC2446 Datasheet HTML 2Page - Semtech Corporation SC2446 Datasheet HTML 3Page - Semtech Corporation SC2446 Datasheet HTML 4Page - Semtech Corporation SC2446 Datasheet HTML 5Page - Semtech Corporation SC2446 Datasheet HTML 6Page - Semtech Corporation SC2446 Datasheet HTML 7Page - Semtech Corporation SC2446 Datasheet HTML 8Page - Semtech Corporation SC2446 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2446
Pin Configurations
Ordering Information
e
c
i
v
e
De
g
a
k
c
a
P
)
1
(
T
(
e
g
n
a
R
.
p
m
e
T
A)
T
R
T
E
T
I
6
4
4
2
C
S
)
2
(
P
D
E
-
8
2
-
P
O
S
S
TC
°
5
8
o
t
0
4
-
B
V
E
6
4
4
2
C
Sd
r
a
o
B
n
o
it
a
u
l
a
v
E
Notes:
(1) Only available in tape and reel packaging. A reel
contains 2500 devices for TSSOP package.
(2) Lead free product.
Electrical Characteristics (Cont.)
Unless specified: AVCC = PVCC = V
IN2 =12V, VBST1 = VBST2 = 12V, SYNC= 0, ROSC = 51.1kΩ, -40°C < TA = TJ < 85°C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
n
o
it
a
l
u
g
e
R
d
a
o
LI
<
0
T
U
O
F
E
R
A
m
5
-
<2
0
.
0A
m
/
%
r
e
f
f
u
B
e
c
n
e
r
e
f
e
R
V
5
.
0
l
a
n
r
e
t
n
I
e
g
a
tl
o
V
t
u
p
t
u
OV
F
E
R
I
F
E
R
A
m
1
-
=0
9
40
0
50
1
5V
m
n
o
it
a
l
u
g
e
R
d
a
o
LI
<
0
F
E
R
A
m
5
-
<5
0
.
0A
m
/
%
Notes:
(1) Guaranteed by design not tested in production.
(2) This device is ESD sensitive. Use of standard ESD handling precautions is required.
(28-Pin TSSOP)
(TOP VIEW)
CS1+
CS1-
AGND
IN1-
COMP1
ROSC
SYNC
REF
REFOUT
REFIN
COMP2
IN2-
CS2-
CS2+
SS1/EN1
VPN1
BST1
GDH1
GDL1
PVCC
PGND
GDL2
GDH2
BST2
VPN2
VIN2
AVCC
SS2/EN2
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com