| Electronic Components Datasheet Search |
|
SC2446 Datasheet(PDF) 19 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC2446 Datasheet(HTML) 19 Page - Semtech Corporation |
|
19 / 38 page ![]() 19 2004 Semtech Corp. www.semtech.com POWER MANAGEMENT SC2446 1) lossless current sensing, 2) higher signal-to-noise ratio, and 3) preventing thermal run-away. The basic arrangement of the Combi-sense is shown in Figure 14. Where, R L is the equivalent series resistance of the output inductor. The added R s and Cs form a RC branch for inductor current sensing. This branch is driven from a small totem pole driver (Q3 and Q4) integrated within SC2446. The base driving signals Vbe3 and Vbe4 Q1 Q2 Cin Cou t RL Rlo ad Rs Vo Vin Cs vC (t ) L iL (t ) Q3 Q4 VP N Vbe 4 Vbe 3 Vgs2 Vgs1 PN Figure 14. The basic structure of Combi-Sense. are designed to follow the gate drive signals Vgs1 and Vgs2, respectively, with minimal delay drive. Ideally, the leading and falling edges of the Virtual Phase Node (VPN) follow that of the Phase Node (PN) when Q1~Q4 switch accordingly. Specifically, when Q1/Q3 are ON and Q2/Q4 are OFF, the equivalent circuit of Figure 14 reduces to Figure 15 a). Where, Rds1 is the on-resistance of the top MOSFET. The two branches, consisting of {(Rds1+RL), L} and {R s, C S}, are in parallel. The DC voltage drop (Rds1+RL)Io equals V Cs. In this way, the output current is sensed from V Cs when (Rds1+RL) is known. When Q1/Q3 are OFF and Q2/Q4 are ON, the equivalent circuit of Figure 14 becomes the sub-circuit as shown in Figure 15 b). Where, Rds2 is the channel resistance of the bottom MOSFET. In this case, the branch {R s,Cs} is in parallel with {(Rds2+RL), L} and V Cs=(Rds2+RL)Io. In average, Cin Cout RL Rload Rs Vo Vin Cs vC(t) L iL(t) PN Rds1 VPN Figure 15 a). Equivalent sub-circuit. Ci n Cou t RL Rload Rs Vo Vin Cs vC (t) L iL(t) PN Rds2 VPN Figure 15 b). Equivalent sub-circuit. V Cs=[D(Rds1+RL)+(1-D)(Rds2+RL)]Io, or equivalently V Cs=[D Rds1+(1-D)Rds2+RL]Io=ReqIo. It is noted that the DC value of V Cs is independent of the value of L, R s and Cs. This means that, if only the average load current information is needed (such as in average current mode control), this current sensing method is effective without time constant matching requirement. In the current mode control as implemented in SC2446, the voltage ripple on C s is critical for PWM operation. In fact, the AC voltage ripple peak-to-peak value of V Cs (denoted as ∆V Cs) directly effects the signal-to-noise ratio of the PWM operation. In general, smaller ∆V Cs leads to lower signal-to-noise ratio and more noise sensitive operation. Larger ∆V Cs leads to more circuit (power stage) Application Information (Cont.) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |