Electronic Components Datasheet Search
  English  ▼

X  

SC2446 Datasheet(PDF) 33 Page - Semtech Corporation

Part # SC2446
Description  Dual-Phase Single or Two Output Synchronous Step-Down Controllers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2446 Datasheet(HTML) 33 Page - Semtech Corporation

Back Button SC2446 Datasheet HTML 29Page - Semtech Corporation SC2446 Datasheet HTML 30Page - Semtech Corporation SC2446 Datasheet HTML 31Page - Semtech Corporation SC2446 Datasheet HTML 32Page - Semtech Corporation SC2446 Datasheet HTML 33Page - Semtech Corporation SC2446 Datasheet HTML 34Page - Semtech Corporation SC2446 Datasheet HTML 35Page - Semtech Corporation SC2446 Datasheet HTML 36Page - Semtech Corporation SC2446 Datasheet HTML 37Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
33
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2446
Evaluation Board - Bill of Materials
f
e
Ry
t
Qe
c
n
e
r
e
f
e
Re
u
l
a
V
/
r
e
b
m
u
N
t
r
a
Pr
e
r
u
t
c
a
f
u
n
a
M
12
4
C
,
1
Cp
a
C
s
o
P
,
m
h
o
m
0
7
,
V
6
1
,
F
u
7
4M
7
4
B
P
T
6
1
:
N
/
P
o
y
n
a
S
24
8
3
C
,
6
C
,
3
C
,
2
C6
0
2
1
c
i
m
a
r
e
C
,
R
5
X
,
V
6
1
,
F
u
0
1M
M
6
0
1
J
B
6
1
3
K
M
E
:
N
/
P
n
e
d
u
Y
o
y
i
a
T
32
2
1
C
,
8
Cp
a
C
s
o
P
,
V
4
,
F
u
0
8
6M
0
8
6
B
P
T
4
:
N
/
P
o
y
n
a
S
46
,
1
1
C
,
0
1
C
,
9
C
,
5
1
C
,
4
1
C
,
3
1
C
0
1
2
1
c
i
m
a
r
e
C
,
V
3
.
6
,
F
u
0
0
1M
7
0
1
J
0
R
5
R
X
5
2
2
3
C
:
N
/
P
K
D
T
51
6
1
C5
0
8
0
c
i
m
a
r
e
C
,
R
5
X
,
V
6
1
,
F
u
1M
M
5
0
1
J
B
6
1
3
K
M
E
:
N
/
P
n
e
d
u
Y
o
y
i
a
T
62
8
1
C
,
7
1
C6
0
2
1
,
R
5
X
,
V
0
5
,
F
u
3
3
.
0T
A
A
X
K
4
3
3
Y
6
0
2
1
J
V
:
N
/
P
y
a
h
s
i
V
72
9
1
C
,
8
1
C5
0
8
0
,
c
i
m
a
r
e
C
,
F
n
2
.
2y
n
A
82
1
2
C
,
0
2
C5
0
8
0
,
c
i
m
a
r
e
C
,
F
n
2
2y
n
A
94
6
2
C
,
5
2
C
,
4
2
C
,
2
2
C6
0
2
1
,
c
i
m
a
r
e
C
,
R
5
X
,
V
4
,
F
u
0
1M
M
6
0
1
J
B
5
2
3
K
M
A
:
N
/
P
n
e
d
u
Y
o
y
i
a
T
0
12
8
2
C
,
7
2
C5
0
8
0
,
c
i
m
a
r
e
C
,
F
p
8
6y
n
A
1
13
5
3
C
,
4
3
C
,
9
2
C5
0
8
0
,
c
i
m
a
r
e
C
,
F
u
1
.
0y
n
A
2
11
0
3
C5
0
8
0
,
c
i
m
a
r
e
C
,
F
n
1y
n
A
3
11
1
3
C5
0
8
0
,
c
i
m
a
r
e
C
,
F
n
2
.
2y
n
A
4
12
3
3
C
,
2
3
C5
0
8
0
,
c
i
m
a
r
e
C
,
F
n
0
0
1y
n
A
5
12
2
D
,
1
Dy
k
tt
o
h
c
S
,
A
1
,
V
0
4F
L
E
M
,
M
9
1
8
5
N
1
:
N
/
P
.i
m
e
S
l
a
r
e
n
e
G
r
o
3
T
0
4
1
S
R
B
M
:
N
/
P
a
l
o
r
o
t
o
M
6
12
0
1
D
,
7
Dy
k
tt
o
h
c
S
,
A
3
,
V
0
4A
0
4
3
B
:
N
/
P
.
c
n
I
s
e
d
o
i
D
7
11
1
1
D-
D
O
S
,r
e
n
e
Z
,
%
5
,
W
m
0
0
5
,
V
2
.
6
3
2
1
B
4
3
2
5
M
M
Z
8
12
2
L
,
1
L,
H
u
8
.
1
(
m
h
o
m
3
.
3
,
A
4
1
,
H
u
8
.
1
)
m
h
o
m
4
.
3
,
A
5
.
5
1
r
o
,
A
F
B
8
R
1
F
6
P
Q
T
E
:
N
/
P
c
i
n
o
s
a
n
a
P
J
S
-
C
M
8
R
1
5
2
1
P
E
C
:
N
/
P
a
i
d
m
u
S
9
16
7
Q
,
6
Q
,
5
Q
,
3
Q
,
2
Q8
-
O
S
,
C
n
8
1
,
m
h
o
m
8
,
A
6
1
,
V
0
3Y
D
0
6
8
4
i
S
:
N
/
P
y
a
h
s
i
V
0
22
2
+
S
C
R
,
1
+
S
C
R5
0
8
0
,
k
9
.
9
4y
n
A
1
22
2
-
S
C
R
,
1
-
S
C
R5
0
8
0
.
k
0
0
1y
n
A
2
24
8
R
,
7
R
,
4
R
,
3
R5
0
8
0
,
%
5
,
m
h
o
0
.
1y
n
A
3
22
6
R
,
5
R5
0
8
0
,
k
0
2y
n
A
4
21
9
R5
0
8
0
,
%
1
,
k
0
4
.
3y
n
A
5
22
3
1
R
,
0
1
R5
0
8
0
,
1
.
5y
n
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com