Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 26Page - Texas Instruments TMS320DM355 Datasheet HTML 27Page - Texas Instruments TMS320DM355 Datasheet HTML 28Page - Texas Instruments TMS320DM355 Datasheet HTML 29Page - Texas Instruments TMS320DM355 Datasheet HTML 30Page - Texas Instruments TMS320DM355 Datasheet HTML 31Page - Texas Instruments TMS320DM355 Datasheet HTML 32Page - Texas Instruments TMS320DM355 Datasheet HTML 33Page - Texas Instruments TMS320DM355 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 158 page
background image
www.ti.com
2.4.9
UART Interface
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463B – SEPTEMBER 2007 – REVISED OCTOBER 2007
Table 2-14. ASP Terminal Functions (continued)
TERMINAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
ASP0_CL
ASP0: Transmit Clock
KX /
F18
I/O/Z
VDD
GIO: GIO[029]
GIO029
ASP0_DR
ASP0: Receive DataF
/
E18
I/O/Z
VDD
GIO: GIO[027]
GIO027
ASP0_DX
ASP0: Transmit Data
/
H15
I/O/Z
VDD
GIO: GIO[030]
GIO030
ASP0_FS
ASP0: Receive Frame Synch
R /
F16
I/O/Z
VDD
GIO: GIO[025]
GIO025
ASP0_FS
X /
G17
I/O/Z
VDD
ASP0: Transmit Frame SynchGIO: GIO[028]
GIO028
ASP1_CL
D18
I/O/Z
VDD
ASP1: Receive Clock
KR
ASP1_CL
D17
I/Z
VDD
ASP1: Master Clock
KS
ASP1_CL
D19
I/O/Z
VDD
ASP1: Transmit Clock
KX
ASP1_DR
C19
I/O/Z
VDD
ASP1: Receive Data
ASP1_DX
C18
I/O/Z
VDD
ASP1: Transmit Data
ASP1_FS
E17
I/O/Z
VDD
ASP1: Receive Frame Synch
R
ASP1_FS
E16
I/O/Z
VDD
ASP1: Transmit Frame Sync
X
The DM355 includes three UART ports. These ports are multiplexed with GIO and other signals.
Table 2-15. UART Terminal Functions
TERMINAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
UART0_RXD
U18
I
VDD
UART0: Receive data. Used for UART boot mode
UART0_TXD
T18
O
VDD
UART0: Transmit data. Used for UART boot mode
UART1_RXD/
UART1: Receive data.
R15
I/O/Z
VDD
GIO013
GIO: GIO013
UART1_TXD/
UART1: Transmit data.
R17
I/O/Z
VDD
GIO012
GIO: GIO012
MMCSD1_DA
MMCSD1: DATA2
TA2/
A16
I/O/Z
VDD
GIO: GIO021
GIO021/
UART2: CTS
UART2_CTS
MMCSD1_DA
MMCSD1: DATA3
TA3/
B16
I/O/Z
VDD
GIO: GIO022
GIO022/
UART2: RTS
UART2_RTS
MMCSD1_DA
MMCSD1: DATA1
TA1/
B15
I/O/Z
VDD
GIO: GIO020
GIO020/
UART2: RXD
UART2_RXD
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal.
(2)
Specifies the operating I/O supply voltage for each signal. See Section 5.3, Power Supplies for more detail.
(3)
PD = pull-down, PU = pull-up. (To pull up a signal to the opposite supply rail, a 1 k
Ω resistor should be used.)
Device Overview
30
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com