Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 77Page - Texas Instruments TMS320DM355 Datasheet HTML 78Page - Texas Instruments TMS320DM355 Datasheet HTML 79Page - Texas Instruments TMS320DM355 Datasheet HTML 80Page - Texas Instruments TMS320DM355 Datasheet HTML 81Page - Texas Instruments TMS320DM355 Datasheet HTML 82Page - Texas Instruments TMS320DM355 Datasheet HTML 83Page - Texas Instruments TMS320DM355 Datasheet HTML 84Page - Texas Instruments TMS320DM355 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 158 page
background image
www.ti.com
3.11.2 PLL Configuration
3.11.3 Power Domain and Module State Configuration
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463B – SEPTEMBER 2007 – REVISED OCTOBER 2007
After POR, warm reset, and max reset, the PLLs and clocks are set to their default configurations. The
PLLs are in bypass mode and disabled by default. This means that the input reference clock at MXI1
(typically 24 MHz) drives the chip after reset. For more information on device clocking, see Section 3.5
and Section 3.6. The default state of the PLLs is reflected in the default state of the register bits in the
PLLC registers. Refer the the ARM Subsystem User's Guide for PLLC register descriptions.
Only a subset of modules are enabled after reset by default. Table 3-16 shows which modules are
enabled after reset. Table 3-16 as shows that the following modules are enabled depending on the
sampled state of the device configuration pins: EDMA (CC and TC0), AEMIF, MMC/SD0, UART0, and
Timer0. For example, UART0 is enabled after reset when the device configuration pins (BTSEL[1:0] = 11 -
Enable UART) select UART boot mode. For more information on module configuration refer to the ARM
Subsystem User's Guide.
Submit Documentation Feedback
Detailed Device Description
81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com