Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 93 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 93 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 89Page - Texas Instruments TMS320DM355 Datasheet HTML 90Page - Texas Instruments TMS320DM355 Datasheet HTML 91Page - Texas Instruments TMS320DM355 Datasheet HTML 92Page - Texas Instruments TMS320DM355 Datasheet HTML 93Page - Texas Instruments TMS320DM355 Datasheet HTML 94Page - Texas Instruments TMS320DM355 Datasheet HTML 95Page - Texas Instruments TMS320DM355 Datasheet HTML 96Page - Texas Instruments TMS320DM355 Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 158 page
background image
www.ti.com
4.3 Electrical Characteristics Over Recommended Ranges of Supply Voltage and Operating
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463B – SEPTEMBER 2007 – REVISED OCTOBER 2007
Case Temperature (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS (1)
MIN
TYP
MAX
UNIT
VOH
High-level output voltage(2)
VDD=MIN, IOH=MAX
2.4
Voltage
V
Output
VOL
Low-level output voltage(2)
VDD=MIN, IOL=MAX
0.6
Input current for I/O without
II
VI = VSS to VDD
-1
1
internal pull-up/pull-down
Input current for I/O with internal
II(pullup)
VI = VSS to VDD
40
190
pull-up(3)(4)
Current
Input current for I/O with internal
II(pulldown)
VI = VSS to VDD
-190
-40
Input/Outp
µA
pull-down(3)(4)
ut
IOH
High-level output current
-100
IOL
Low-level output current
4000
VO = VDD or VSS; internal pull
IOZ
I/O off-state output current
±10
disabled
CI
Input capacitance
4
Capacitan
pF
ce
CO
Output capacitance
4
Resolution
Resolution
10
Bits
RLOAD = 499 Ω, Video buffer
INL
Integral non-linearity, best fit
1
LSB
disabled
DAC
RLOAD = 499 Ω, Video buffer
DNL
Differential non-linearity
0.5
LSB
disabled
Compliance
Output compliance range
IFS = 1.4 mA, RLOAD = 499 Ω
0
0.700
V
Output high voltage (top of 75%
VOH(VIDBUF)
1.55
NTSC or PAL colorbar)(5)
Video
V
Buffer
Outpupt low voltage (bottom of
VOL(VIDBUF)
0.470
sync tip)
(1)
For test conditions shown as MIN, MAX, or NOM, use the appropriate value specified in the recommended operating conditions table.
(2)
These I/O specifications apply to regular 3.3 V I/Os and do not apply to DDR2/mDDR, USB I/Os. DDR2/mDDR I/Os are 1.8 V I/Os and
adhere to JESD79-2A standard, USB I/Os adhere to USB2.0 spec.
(3)
This specification applies only to pins with an internal pullup (PU) or pulldown (PD). See Section 2.4 or Section 2.5 for pin descriptions.
(4)
To pull up a signal to the opposite supply rail, a 1 k
Ω resistor is recommended.
(5)
100% color bars are not supported. 100% color bars require 1.2 V peak-to-peak. The video buffer only provides 1.0 V peak-to-peak.
Submit Documentation Feedback
Device Operating Conditions
93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com