Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 60 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 56Page - Texas Instruments TMS320DM355 Datasheet HTML 57Page - Texas Instruments TMS320DM355 Datasheet HTML 58Page - Texas Instruments TMS320DM355 Datasheet HTML 59Page - Texas Instruments TMS320DM355 Datasheet HTML 60Page - Texas Instruments TMS320DM355 Datasheet HTML 61Page - Texas Instruments TMS320DM355 Datasheet HTML 62Page - Texas Instruments TMS320DM355 Datasheet HTML 63Page - Texas Instruments TMS320DM355 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 158 page
background image
www.ti.com
ARM926EJ-S
16KI$
8KD$
MMU
CP15
Arbiter
Arbiter
I-AHB
D-AHB
Master
IF
I-TCM
D-TCM
16K
RAM0
RAM1
16K
ROM
8K
Arbiter
Slave
IF
MasterIF
ARM
Interrupt
Controller
(AINTC)
Control
System
PLLC2
PLLC1
(PSC)
Controller
Sleep
Power
Peripherals
...
3.2 ARM926EJ-S RISC CPU
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463B – SEPTEMBER 2007 – REVISED OCTOBER 2007
–
Image Pipe (IPIPE)
–
H3A Engine (Hardware engine for computing Auto-focus, Auto white balance, and Auto exposure)
• Video Processing Back End (VPBE)
–
On Screen Display (OSD)
–
Video Encoder Engine (VENC)
Figure 3-1 shows the functional block diagram of the DM355 ARM Subsystem.
Figure 3-1. DM355 ARM Subsystem Block Diagram
The ARM Subsystem integrates the ARM926EJ-S processor. The ARM926EJ-S processor is a member of
ARM9 family of general-purpose microprocessors. This processor is targeted at multi-tasking applications
where full memory management, high performance, low die size, and low power are all important. The
ARM926EJ-S processor supports the 32-bit ARM and 16 bit THUMB instruction sets, enabling the user to
trade off between high performance and high code density. Specifically, the ARM926EJ-S processor
supports the ARMv5TEJ instruction set, which includes features for efficient execution of Java byte codes,
providing Java performance similar to Just in Time (JIT) Java interpreter, but without associated code
overhead.
The ARM926EJ-S processor supports the ARM debug architecture and includes logic to assist in both
hardware and software debug. The ARM926EJ-S processor has a Harvard architecture and provides a
complete high performance subsystem, including:
• ARM926EJ -S integer core
• CP15 system control coprocessor
• Memory Management Unit (MMU)
• Separate instruction and data Caches
• Write buffer
• Separate instruction and data Tightly-Coupled Memories (TCMs) [internal RAM] interfaces
• Separate instruction and data AHB bus interfaces
Detailed Device Description
60
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com