Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 98 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 98 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 94Page - Texas Instruments TMS320DM355 Datasheet HTML 95Page - Texas Instruments TMS320DM355 Datasheet HTML 96Page - Texas Instruments TMS320DM355 Datasheet HTML 97Page - Texas Instruments TMS320DM355 Datasheet HTML 98Page - Texas Instruments TMS320DM355 Datasheet HTML 99Page - Texas Instruments TMS320DM355 Datasheet HTML 100Page - Texas Instruments TMS320DM355 Datasheet HTML 101Page - Texas Instruments TMS320DM355 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 158 page
background image
www.ti.com
5.4 Reset
5.4.1
Reset Electrical Data/Timing
1
2
3
RESET
BootConfigurationPins
(BTSEL[1:0],AECFG[3:0])
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463B – SEPTEMBER 2007 – REVISED OCTOBER 2007
Table 5-2. Timing Requirements for Reset (1)(2) (see Figure 5-4)
DM355
NO.
UNIT
MIN
MAX
1
tw(RESET)
Active low width of the RESET pulse
12C
ns
2
tsu(BOOT)
Setup time, boot configuration pins valid before RESET rising edge
12C
ns
3
th(BOOT)
Hold time, boot configuration pins valid after RESET rising edge
12C
ns
(1)
BTSEL[1:0] and AECFG[4:0] are the boot configuration pins during device reset.
(2)
C = MXI/CLKIN cycle time in ns. For example, when MXI/CLKIN frequency is 24 MHz use C = 41.6 ns.
Figure 5-4. Reset Timing
98
DM355 Peripheral Information and Electrical Specifications
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com