Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 101 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 101 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 97Page - Texas Instruments TMS320DM355 Datasheet HTML 98Page - Texas Instruments TMS320DM355 Datasheet HTML 99Page - Texas Instruments TMS320DM355 Datasheet HTML 100Page - Texas Instruments TMS320DM355 Datasheet HTML 101Page - Texas Instruments TMS320DM355 Datasheet HTML 102Page - Texas Instruments TMS320DM355 Datasheet HTML 103Page - Texas Instruments TMS320DM355 Datasheet HTML 104Page - Texas Instruments TMS320DM355 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 158 page
background image
www.ti.com
5.5.3
Clock PLL Electrical Data/Timing (Input and Output Clocks)
MXI/CLKIN
2
3
4
4
5
1
MXI/CLKIN
2
3
4
4
5
1
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463B – SEPTEMBER 2007 – REVISED OCTOBER 2007
Table 5-5. Timing Requirements for MXI1/CLKIN1(1)(2) (see Figure 5-7)
DM355
NO
UNIT
.
MIN
TYP
MAX
1
tc(MXI1)
Cycle time, MXI1/CLKIN1
27.7(3)
41.6(3)
ns
2
tw(MXI1H)
Pulse duration, MXI1/CLKIN1 high
0.45C
0.55C
ns
3
tw(MXI1L)
Pulse duration, MXI1/CLKIN1 low
0.45C
0.55C
ns
4
tt(MXI1)
Transition time, MXI1/CLKIN1
0.05C
ns
5
tJ(MXI1)
Period jitter, MXI1/CLKIN1
0.02C
ns
(1)
The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
(2)
C = MXI1/CLKIN1 cycle time in ns. For example, when MXI1/CLKIN1 frequency is 24 MHz use C = 41.6 ns.
(3)
tc(MXI1) = 41.6 ns and tc(MXI1) = 27.7 ns are the only supported cycle times for MXI1/CLKIN1.
Figure 5-7. MXI1/CLKIN1 Timing
Table 5-6. Timing Requirements for MXI2/CLKIN2(1)(2) (see Figure 5-7)
NO.
DM355
UNIT
MIN
TYP
MAX
1
tc(MXI2)
Cycle time, MXI2/CLKIN2
37.037(3)
37.037(3)
ns
2
tw(MXI2H)
Pulse duration, MXI2/CLKIN2 high
0.45C
0.55C
ns
3
tw(MXI2L)
Pulse duration, MXI2/CLKIN2 low
0.45C
0.55C
ns
4
tt(MXI2)
Transition time, MXI2/CLKIN2
0.05C
ns
5
tJ(MXI2)
Period jitter, MXI2/CLKIN2
0.02C
ns
(1)
The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
(2)
C = MXI2/CLKIN2 cycle time in ns. For example, when MXI2/CLKIN2 frequency is 27 MHz use C = 37.037 ns.
(3)
tc(MXI2) = 37.037 ns is the only supported cycle time for MXI2/CLKIN2.
Figure 5-8. MXI2/CLKIN2 Timing
Submit Documentation Feedback
DM355 Peripheral Information and Electrical Specifications
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com