Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 105 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 105 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 101Page - Texas Instruments TMS320DM355 Datasheet HTML 102Page - Texas Instruments TMS320DM355 Datasheet HTML 103Page - Texas Instruments TMS320DM355 Datasheet HTML 104Page - Texas Instruments TMS320DM355 Datasheet HTML 105Page - Texas Instruments TMS320DM355 Datasheet HTML 106Page - Texas Instruments TMS320DM355 Datasheet HTML 107Page - Texas Instruments TMS320DM355 Datasheet HTML 108Page - Texas Instruments TMS320DM355 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 158 page
background image
www.ti.com
GPIx
GPOx
4
3
2
1
5.6.2
GPIO Peripheral External Interrupts Electrical Data/Timing
EXT_INTx
2
1
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463B – SEPTEMBER 2007 – REVISED OCTOBER 2007
Figure 5-12. GPIO Port Timing
Table 5-12. Timing Requirements for External Interrupts/EDMA Events(1) (see Figure 5-13)
DM355
NO.
UNIT
MIN
MAX
1
tw(ILOW)
Width of the external interrupt pulse low
52
ns
2
tw(IHIGH)
Width of the external interrupt pulse high
52
ns
(1)
The pulse width given is sufficient to generate an interrupt or an EDMA event. However, if a user wants to have DM355 to recognize the
GPIO changes through software polling of the GPIO register, the GPIO duration must be extended to allow DM355 enough time to
access the GPIO register through the internal bus.
Figure 5-13. GPIO External Interrupt Timing
Submit Documentation Feedback
DM355 Peripheral Information and Electrical Specifications
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com