Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 91 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 87Page - Texas Instruments TMS320DM355 Datasheet HTML 88Page - Texas Instruments TMS320DM355 Datasheet HTML 89Page - Texas Instruments TMS320DM355 Datasheet HTML 90Page - Texas Instruments TMS320DM355 Datasheet HTML 91Page - Texas Instruments TMS320DM355 Datasheet HTML 92Page - Texas Instruments TMS320DM355 Datasheet HTML 93Page - Texas Instruments TMS320DM355 Datasheet HTML 94Page - Texas Instruments TMS320DM355 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 158 page
background image
www.ti.com
4
Device Operating Conditions
4.1 Absolute Maximum Ratings Over Operating Case Temperature Range
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463B – SEPTEMBER 2007 – REVISED OCTOBER 2007
(Unless Otherwise Noted)
(1) (2)
All 1.3 V supplies
-0.5 V to 1.7 V
All digital 1.8 V supplies
-0.5 V to 2.5 V
Supply voltage ranges
All analog 1.8 V supplies
-0.5 V to 1.89 V
All 3.3 V supplies
-0.5 V to 4.4 V
All 1.8 V I/Os
-0.5 V to 2.3 V
Input voltage ranges
All 3.3 V I/Os
-0.5 V to 3.8 V
VBUS
0.0 V to 5.5 V
Clamp current for input or output(3)
Iclamp
-20 mA to 20 mA
Operating case temperature ranges
Tc
-0
°C to 85 °C
Storage temperature ranges
Tstg
-65
°C to 150 °C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to VSS.
(3)
Clamp current flows from an input or output pad to a supply rail through a clamp circuit or an intrinsic diode. Positive current results from
an applied input or output voltage that is more than 0.5 V higher (more positive) than the supply voltage,
VDD/VDDA_PLL1/2/VDD_USB/VDD_DDR for dual-supply macros. Negative current results from an applied voltage that is more than 0.5 V less
(more negative) than the VSS voltage..
Submit Documentation Feedback
Device Operating Conditions
91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com