Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 40Page - Texas Instruments TMS320DM355 Datasheet HTML 41Page - Texas Instruments TMS320DM355 Datasheet HTML 42Page - Texas Instruments TMS320DM355 Datasheet HTML 43Page - Texas Instruments TMS320DM355 Datasheet HTML 44Page - Texas Instruments TMS320DM355 Datasheet HTML 45Page - Texas Instruments TMS320DM355 Datasheet HTML 46Page - Texas Instruments TMS320DM355 Datasheet HTML 47Page - Texas Instruments TMS320DM355 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 158 page
background image
www.ti.com
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463B – SEPTEMBER 2007 – REVISED OCTOBER 2007
Table 2-23. DM355 Pin Descriptions (continued)
Name
BGA
Type Group
Power
PU
Reset
Description(4)
Mux Control
ID
(1)
Supply(2)
PD(3)
State
EM_A09 /
P17
I/O
AEMI
VDD
PD
in L
Async EMIF: Address Bus bit[09]
PINMUX2[0].EM_A1
GIO063 /
F /
3_3,
AECFG[1]
GIO /
syste
m
GIO: GIO[063]
default set by
AECFG[0]
System: AECFG[3:0] sampled at
Power-on-Reset to set AEMIF Configuration
AECFG[2:1] sets default for
PinMux2.EM_BA0: AEMIF EM_BA0
Definition (00: EM_BA0, 01: EM_A14,
10:GIO[054], 11:rsvd)
EM_A08 /
T19
I/O
AEMI
VDD
PU
in H
Async EMIF: Address Bus bit[08]
PINMUX2[0].EM_A1
GIO062 /
F /
3_3,
AECFG[0]
GIO /
syste
m
GIO: GIO[062]
default set by
AECFG[0]
AECFG[0] sets default for
- PinMux2.EM_A0_BA1: AEMIF Address
Width (OneNAND or NAND)
- PinMux2.EM_A13_3: AEMIF Address
Width (OneNAND or NAND)
(0:AEMIF address bits, 1:GIO[67:57])
EM_A07 /
P16
I/O
AEMI
VDD
out L
Async EMIF: Address Bus bit[07]
PINMUX2[0].EM_A1
GIO061
F /
3_3,
GIO
GIO: GIO[061] - Used by ROM Bootloader to default set by
provide progress status via LED (active low)
AECFG[0]
EM_A06 /
P18
I/O
AEMI
VDD
out L
Async EMIF: Address Bus bit[06]
PINMUX2[0].EM_A1
GIO060
F /
3_3,
GIO
GIO: GIO[060]
default set by
AECFG[0]
EM_A05 /
R19
I/O
AEMI
VDD
out L
Async EMIF: Address Bus bit[05]
PINMUX2[0].EM_A1
GIO059
F /
3_3,
GIO
GIO: GIO[059]
default set by
AECFG[0]
EM_A04 /
P15
I/O
AEMI
VDD
out L
Async EMIF: Address Bus bit[04]
PINMUX2[0].EM_A1
GIO058
F /
3_3,
GIO
GIO: GIO[058]
default set by
AECFG[0]
EM_A03 /
N18
I/O
AEMI
VDD
out L
Async EMIF: Address Bus bit[03]
PINMUX2[0].EM_A1
GIO057
F /
3_3,
GIO
GIO: GIO[057]
default set by
AECFG[0]
EM_A02
N15
I/O
AEMI
VDD
out L
Async EMIF: Address Bus bit[02]
F
NAND/SM/xD: CLE - Command Latch
Enable output
Device Overview
44
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com