Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 80 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 76Page - Texas Instruments TMS320DM355 Datasheet HTML 77Page - Texas Instruments TMS320DM355 Datasheet HTML 78Page - Texas Instruments TMS320DM355 Datasheet HTML 79Page - Texas Instruments TMS320DM355 Datasheet HTML 80Page - Texas Instruments TMS320DM355 Datasheet HTML 81Page - Texas Instruments TMS320DM355 Datasheet HTML 82Page - Texas Instruments TMS320DM355 Datasheet HTML 83Page - Texas Instruments TMS320DM355 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 158 page
background image
www.ti.com
3.11 Default Device Configurations
3.11.1 Device Configuration Pins
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463B – SEPTEMBER 2007 – REVISED OCTOBER 2007
Table 3-14. Reset Types (continued)
Type
Initiator
Effect
Module Reset
ARM software
Resets a specific module. Allows the ARM to
independently reset any module. Module reset is
intended as a debug tool not as a tool to use in
production.
After POR, warm reset, and max reset, the chip is in its default configuration. This section highlights the
default configurations associated with PLLs, clocks, ARM boot mode, and AEMIF.
NOTE
Default configuration is the configuration immediately after POR, warm reset, and max
reset and just before the boot process begins. The boot ROM updates the configuration.
See Section 3.12 for more information on the boot process.
The device configuration pins are described in Table 3-15. The device configuration pins are latched at
reset and allow you to configure all of the following options at reset:
• ARM Boot Mode
• Asynchronous EMIF pin configuration
These pins are described further in the following sections.
NOTE
The device configuration pins are multiplexed with AEMIF pins. After the device
configuration pins are sampled at reset, they automatically change to function as AEMIF
pins. Pin multiplexing is described in Section 3.8.
Table 3-15. Device Configuration
Default Setting (by
internal
Device
Sampled
pull-up/
Configuration Input
Function
Pin
pull-down)
Device Configuration Affected
BTSEL[1:0]
Selects ARM boot mode
EM_A[13:12]
00
If any ROM boot mode is selected, GIO61
00 = Boot from ROM (NAND)
(NAND)
is used to indicated boot status.
01 = Boot from AEMIF
If NAND boot is selected, CE0 is used for
10 = Boot from ROM
NAND. Use AECFG[3:0] to configure
(MMC/SD)
AEMIF pins for NAND.
11 = Boot from ROM (UART)
If AEMIF boot is selected, CE0 is used for
AEMIF device (OneNAND, ROM). Use
AECFG[3:0] to configure AEMIF pins for
NAND.
If MMC/SD boot is selected, MMC/SD0 is
used.
AECFG[3:0]
Selects AEMIF pin
EM_A[11:8]
1101
Selects the AEMIF pin configuration. Refer
configuration
(NAND)
to pin-muxing information in Section 3.9.1.
Note that AECFG[3:0] affects both AEMIF
(BTSEL[1:0]=01) and NAND
(BTSEL[1:0]=00) boot modes.
Detailed Device Description
80
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com