Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 99 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 99 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 95Page - Texas Instruments TMS320DM355 Datasheet HTML 96Page - Texas Instruments TMS320DM355 Datasheet HTML 97Page - Texas Instruments TMS320DM355 Datasheet HTML 98Page - Texas Instruments TMS320DM355 Datasheet HTML 99Page - Texas Instruments TMS320DM355 Datasheet HTML 100Page - Texas Instruments TMS320DM355 Datasheet HTML 101Page - Texas Instruments TMS320DM355 Datasheet HTML 102Page - Texas Instruments TMS320DM355 Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 158 page
background image
www.ti.com
5.5 Oscillators and Clocks
5.5.1
MXI1 (24-MHz) Oscillator
Crystal
24MHzor
36MHz
C1
C2
MXI1/CLKIN
MXO1
VSS_MX1
0.1 F
1 F
L1
VDDA_PLL1
VSSA_PLL1
C
L
C
1C2
(C
1
C
2)
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463B – SEPTEMBER 2007 – REVISED OCTOBER 2007
DM355 has two oscillator input/output pairs (MXI1/MXO1 and MXI2/MXO2) usable with external crystals
or ceramic resonators to provide clock inputs. The optimal frequencies for the crystals are 24 MHz
(MXI1/MXO1) and 27 MHz (MXI2/MXO2). Optionally, the oscillator inputs are configurable for use with
external clock oscillators. If external clock oscillators are used, to minimize the clock jitter, a single clean
power supply should power both the DM355 and the external oscillator circuit and the minimum CLKIN
rise and fall times must be observed. The electrical requirements and characteristics are described in this
section.
The timing parameters for CLKOUT[3:1] are also described in this section. The DM355 has three output
clock pins (CLKOUT[3:1]). See Section 3.5 and Section 3.6 for more information on CLKOUT[3:1].
The MXI1 (typically 24 MHz, can also be 36 MHz) oscillator provides the primary reference clock for the
DM355 device. The on-chip oscillator requires an external crystal connected across the MXI1 and MXO1
pins, along with two load capacitors, as shown in Figure 5-5. The external crystal load capacitors must be
connected only to the oscillator ground pin (VSS_MX1). Do not connect to board ground (VSS). Also, the PLL
power pin (VDDA_PLL1) should be connected to the power supply through a ferrite bead, L1 in the example
circuit shown in Figure 5-5.
Figure 5-5. MXI1 (24-MHz) Oscillator
The load capacitors, C1 and C2, should be chosen such that the equation is satisfied (typical values are
C1 = C2 = 10 pF). CL in the equation is the load specified by the crystal manufacturer. All discrete
components used to implement the oscillator circuit should be placed as close as possible to the
associated oscillator pins (MXI1 and MXO1) and to the VSS_MX1 pin.
Submit Documentation Feedback
DM355 Peripheral Information and Electrical Specifications
99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com