Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 89 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 85Page - Texas Instruments TMS320DM355 Datasheet HTML 86Page - Texas Instruments TMS320DM355 Datasheet HTML 87Page - Texas Instruments TMS320DM355 Datasheet HTML 88Page - Texas Instruments TMS320DM355 Datasheet HTML 89Page - Texas Instruments TMS320DM355 Datasheet HTML 90Page - Texas Instruments TMS320DM355 Datasheet HTML 91Page - Texas Instruments TMS320DM355 Datasheet HTML 92Page - Texas Instruments TMS320DM355 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 158 page
background image
www.ti.com
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463B – SEPTEMBER 2007 – REVISED OCTOBER 2007
DMA Channels: Can be triggered by: " External events (for example, ASP TX Evt and RX Evt), " Software
writing a '1' to the given bit location, or channel, of the Event Set register, or, " Chaining to other DMAs.
QDMA: The Quick DMA (QDMA) function is contained within the CC. DM355 implements 8 QDMA
channels. Each QDMA channel has a selectable PaRAM entry used to specify the transfer. A QDMA
transfer is submitted immediately upon writing of the "trigger" parameter (as opposed to the occurrence of
an event as with EDMA). The QDMA parameter RAM may be written by any Config bus master through
the Config Bus and by DMAs through the Config Bus bridge.
QDMA Channels: Triggered by a configuration bus write to a designated 'QDMA trigger word'. QDMAs
allow a minimum number of linear writes (optimized for GEM IDMA feature) to be issued to the CC to
force a series of transfers to take place.
3.14.2.1
EDMA Channel Synchronization Events
The EDMA supports up to 64 EDMA channels which service peripheral devices and external memory.
Table 3-19 lists the source of EDMA synchronization events associated with each of the programmable
EDMA channels. For the DM355 device, the association of an event to a channel is fixed; each of the
EDMA channels has one specific event associated with it. These specific events are captured in the
EDMA event registers (ER, ERH) even if the events are disabled by the EDMA event enable registers
(EER, EERH). For more detailed information on the EDMA module and how EDMA events are enabled,
captured, processed, linked, chained, and cleared, etc., see the Document Support section for the
Enhanced Direct Memory Access (EDMA) Controller Reference Guide.
Table 3-19. DM355 EDMA Channel Synchronization Events(1)(2)
EDMA
EVENT NAME
EVENT DESCRIPTION
CHANNEL
0
TIMER3: TINT6
Timer 3 Interrupt (TINT6) Event
1
TIMER3 TINT7
Timer 3 Interrupt (TINT7) Event
2
ASP0: XEVT
ASP0 Transmit Event
3
ASP0: REVT
ASP0 Receive Event
4
VPSS: EVT1
VPSS Event 1
5
VPSS: EVT2
VPSS Event 2
6
VPSS: EVT3
VPSS Event 3
7
VPSS: EVT4
VPSS Event 4
ASP1: XEVT or TIMER2:
8
ASP1 Transmit Event or Timer 2 interrupt (TINT4) Event
TINT4
ASP1: REVT or TIMER2:
9
ASP1 Receive Event or Timer 2 interrupt (TINT5) Event
TINT5
10
SPI2: SPI2XEVT
SPI2 Transmit Event
11
SPI2: SPI2REVT
SPI2 Receive Event
12
Reserved
13
Reserved
14
SPI1: SPI1XEVT
SPI1 Transmit Event
15
SPI1: SPI1REVT
SPI1 Receive Event
16
SPI0: SPI0XEVT
SP0I Transmit Event
17
SPI0: SPI0REVT
SPI0 Receive Event
18
UART0: URXEVT0
UART 0 Receive Event
19
UART0: UTXEVT0
UART 0 Transmit Event
20
UART1: URXEVT1
UART 1 Receive Event
(1)
In addition to the events shown in this table, each of the 64 channels can also be synchronized with the transfer completion or
intermediate transfer completion events. For more detailed information on EDMA event-transfer chaining, see the Document Support
section for the Enhanced Direct Memory Access (EDMA) Controller Reference Guide.
(2)
The total number of EDMA events in DM355 exceeds 64, which is the maximum value of the EDMA module. Therefore, several events
are multiplexed and you must use the register EDMA_EVTMUX in the System Control Module to select the event source for multiplexed
events. Refer to the ARM Subsystem Guide for more information on the System Control Module register EDMA_EVTMUX.
Submit Documentation Feedback
Detailed Device Description
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com