| Electronic Components Datasheet Search |
|
TMS320DM355 Datasheet(PDF) 38 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM355 Datasheet(HTML) 38 Page - Texas Instruments |
|
38 / 158 page ![]() www.ti.com TMS320DM355 Digital Media System-on-Chip (DMSoC) SPRS463B – SEPTEMBER 2007 – REVISED OCTOBER 2007 Table 2-23. DM355 Pin Descriptions (continued) Name BGA Type Group Power PU Reset Description(4) Mux Control ID (1) Supply(2) PD(3) State YIN5 / GIO091 M5 I/O CCDC VDD_VIN PD in Standard CCD Analog Front End (AFE): PINMUX0[10].YIN_7 / GIO raw[05] 0 YCC 16-bit: time multiplexed between luma: Y[05] YCC 08-bit (which allows for 2 simultaneous decoder inputs), it is time multiplexed between luma and chroma of the lower channel. Y/CB/CR[05] GIO: GIO[091] YIN4 / GIO090 P3 I/O CCDC VDD_VIN PD in Standard CCD Analog Front End (AFE): PINMUX0[10].YIN_7 / GIO raw[04] 0 YCC 16-bit: time multiplexed between luma: Y[04] YCC 08-bit (which allows for 2 simultaneous decoder inputs), it is time multiplexed between luma and chroma of the lower channel. Y/CB/CR[04] GIO: GIO[090] YIN3 / GIO089 R3 I/O CCDC VDD_VIN PD in Standard CCD Analog Front End (AFE): PINMUX0[10].YIN_7 / GIO raw[03] 0 YCC 16-bit: time multiplexed between luma: Y[03] YCC 08-bit (which allows for 2 simultaneous decoder inputs), it is time multiplexed between luma and chroma of the lower channel. Y/CB/CR[03] GIO: GIO[089] YIN2 / GIO088 P4 I/O CCDC VDD_VIN PD in Standard CCD Analog Front End (AFE): PINMUX0[10].YIN_7 / GIO raw[02] 0 YCC 16-bit: time multiplexed between luma: Y[02] YCC 08-bit (which allows for 2 simultaneous decoder inputs), it is time multiplexed between luma and chroma of the lower channel. Y/CB/CR[02] GIO: GIO[088] YIN1 / GIO087 P2 I/O CCDC VDD_VIN PD in Standard CCD Analog Front End (AFE): PINMUX0[10].YIN_7 / GIO raw[01] 0 YCC 16-bit: time multiplexed between luma: Y[01] YCC 08-bit (which allows for 2 simultaneous decoder inputs), it is time multiplexed between luma and chroma of the lower channel. Y/CB/CR[01] GIO: GIO[087] YIN0 / GIO086 P5 I/O CCDC VDD_VIN PD in Standard CCD Analog Front End (AFE): PINMUX0[10].YIN_7 / GIO raw[00] 0 YCC 16-bit: time multiplexed between luma: Y[00] YCC 08-bit (which allows for 2 simultaneous decoder inputs), it is time multiplexed between luma and chroma of the lower channel. Y/CB/CR[00] GIO: GIO[086] Device Overview 38 Submit Documentation Feedback |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |